Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8S2245 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 9Page - Renesas Technology Corp H8S2245 Datasheet HTML 10Page - Renesas Technology Corp H8S2245 Datasheet HTML 11Page - Renesas Technology Corp H8S2245 Datasheet HTML 12Page - Renesas Technology Corp H8S2245 Datasheet HTML 13Page - Renesas Technology Corp H8S2245 Datasheet HTML 14Page - Renesas Technology Corp H8S2245 Datasheet HTML 15Page - Renesas Technology Corp H8S2245 Datasheet HTML 16Page - Renesas Technology Corp H8S2245 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 818 page
background image
Rev.3.00 Mar. 26, 2007 Page xiii of xlii
REJ09B0355-0300
Item
Page Revision (See Manual for Details)
8.7.2 Register
Configuration
241
Port A Data Direction Register (PADDR)
Description amended
... an undefined value will be read. PADDR cannot be modified.
Setting a PADDR bit to 1 ... makes the pin an input pin. This
register is a write-only register, and cannot be written by bit
manipulation instruction. For details, see section 2.10.4, Access
Methods for Registers with Write-Only Bits. PADDR is initialized
to H'0 ...
8.8.2 Register
Configuration
248
Port B Data Direction Register (PBDDR)
Description amended
... an undefined value will be read. This register is a write-only
register, and cannot be written by bit manipulation instruction.
For details, see section 2.10.4, Access Methods for Registers
with Write-Only Bits. PBDDR is initialized to H'00 ...
8.9.2 Register
Configuration
254
Port C Data Direction Register (PCDDR)
Description amended
... an undefined value will be read. This register is a write-only
register, and cannot be written by bit manipulation instruction.
For details, see section 2.10.4, Access Methods for Registers
with Write-Only Bits. PCDDR is initialized to H'00 ...
8.10.2 Register
Configuration
260
Port D Data Direction Register (PDDDR)
Description amended
... an undefined value will be read. This register is a write-only
register, and cannot be written by bit manipulation instruction.
For details, see section 2.10.4, Access Methods for Registers
with Write-Only Bits. PDDDR is initialized to H'00 ...
8.11.2 Register
Configuration
266
Port E Data Direction Register (PEDDR)
Description amended
... an undefined value will be read. This register is a write-only
register, and cannot be written by bit manipulation instruction.
For details, see section 2.10.4, Access Methods for Registers
with Write-Only Bits. PEDDR is initialized to H'00 ...
8.12.2 Register
Configuration
272
Port F Data Direction Register (PFDDR)
Description amended
... an undefined value will be read. This register is a write-only
register, and cannot be written by bit manipulation instruction.
For details, see section 2.10.4, Access Methods for Registers
with Write-Only Bits. PFDDR is initialized by a power-on reset ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com