Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/23 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R8C/23
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/23 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R8C/23 Datasheet HTML 13Page - Renesas Technology Corp R8C/23 Datasheet HTML 14Page - Renesas Technology Corp R8C/23 Datasheet HTML 15Page - Renesas Technology Corp R8C/23 Datasheet HTML 16Page - Renesas Technology Corp R8C/23 Datasheet HTML 17Page - Renesas Technology Corp R8C/23 Datasheet HTML 18Page - Renesas Technology Corp R8C/23 Datasheet HTML 19Page - Renesas Technology Corp R8C/23 Datasheet HTML 20Page - Renesas Technology Corp R8C/23 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 549 page
background image
B - 3
NOTE:
1.
Blank columns are all reserved space. No access is allowed.
Address
Register
Symbol
Page
0100h
Timer RA Control Register
TRACR
131
0101h
Timer RA I/O Control Register
TRAIOC
131, 134, 137,
139, 141, 144
0102h
Timer RA Mode Register
TRAMR
132
0103h
Timer RA Prescaler Register
TRAPRE
132
0104h
Timer RA Register
TRA
133
0105h
0106h
LIN Control Register
LINCR
357
0107h
LIN Status Register
LINST
358
0108h
Timer RB Control Register
TRBCR
148
0109h
Timer RB One-Shot Control Register
TRBOCR
148
010Ah
Timer RB I/O Control Register
TRBIOC
149, 151, 155,
158, 163
010Bh
Timer RB Mode Register
TRBMR
149
010Ch
Timer RB Prescaler Register
TRBPRE
150
010Dh
Timer RB Secondary Register
TRBSC
150
010Eh
Timer RB Primary
TRBPR
150
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Counter Data Register
TRESEC
270
0119h
Timer RE Compare Data Register
TREMIN
270
011Ah
011Bh
011Ch
Timer RE Control Register 1
TRECR1
271
011Dh
Timer RE Control Register 2
TRECR2
271
011Eh
Timer RE Count Source Select Register
TRECSR
272
011Fh
0120h
0121h
0122h
0123h
0124h
0125h
0126h
0127h
0128h
0129h
012Ah
012Bh
012Ch
012Dh
012Eh
012Fh
Address
Register
Symbol
Page
0130h
0131h
0132h
0133h
0134h
0135h
0136h
0137h
Timer RD Start Register
TRDSTR
182, 196, 212,
225, 235, 249
0138h
Timer RD Mode Register
TRDMR
182, 196, 213,
226, 236, 250
0139h
Timer RD PWM Mode Register
TRDPMR
183, 197, 213
013Ah
Timer RD Function Control Register
TRDFCR
184, 198, 214,
226, 237, 250
013Bh
Timer RD Output Master Enable Register 1
TRDOER1
199, 215, 227,
238, 251
013Ch
Timer RD Output Master Enable Register 2
TRDOER2
199, 215, 227,
238, 251
013Dh
Timer RD Output Control Register
TRDOCR
200, 216, 252
013Eh
Timer RD Digital Filter Function Select
Register 0
TRDDF0
185
013Fh
Timer RD Digital Filter Function Select
Register 1
TRDDF1
185
0140h
Timer RD Control Register 0
TRDCR0
186, 201, 216,
228, 239, 253
0141h
Timer RD I/O Control Register A0
TRDIORA0
187, 202
0142h
Timer RD I/O Control Register C0
TRDIORC0
188, 203
0143h
Timer RD Status Register 0
TRDSR0
189, 204, 217,
229, 240, 254
0144h
Timer RD Interrupt Enable Register 0
TRDIER0
190, 205, 218,
230, 241, 255
0145h
Timer RD PWM Mode Output Level Control
Register 0
TRDPOCR0
219
0146h
Timer RD Counter 0
TRD0
190, 205, 219,
230, 242, 255
0147h
0148h
Timer RD General Register A0
TRDGRA0
191, 206, 220,
231, 242, 256
0149h
014Ah
Timer RD General Register B0
TRDGRB0
191, 206, 220,
231, 242, 256
014Bh
014Ch
Timer RD General Register C0
TRDGRC0
191, 206, 220,
231, 256
014Dh
014Eh
Timer RD General Register D0
TRDGRD0
191, 206, 220,
231, 242, 256
014Fh
0150h
Timer RD Control Register 1
TRDCR1
186, 201, 216,
239
0151h
Timer RD I/O Control Register A1
TRDIORA1
187, 202
0152h
Timer RD I/O Control Register C1
TRDIORC1
188, 203
0153h
Timer RD Status Register 1
TRDSR1
189, 204, 217,
229, 240, 254
0154h
Timer RD Interrupt Enable Register 1
TRDIER1
190, 205, 218,
230, 241, 255
0155h
Timer RD PWM Mode Output Level Control
Register 1
TRDPOCR1
219
0156h
Timer RD Counter 1
TRD1
190, 205, 219,
242
0157h
0158h
Timer RD General Register A1
TRDGRA1
191, 206, 220,
231, 242, 256
0159h
015Ah
Timer RD General Register B1
TRDGRB1
191, 206, 220,
231, 242, 256
015Bh
015Ch
Timer RD General Register C1
TRDGRC1
191, 206, 220,
231, 242, 256
015Dh
015Eh
Timer RD General Register D1
TRDGRD1
191, 206, 220,
231, 242, 256
015Fh
019Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com