Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV6400 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV6400
Description  DOUBLE SCART INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6400 Datasheet(HTML) 2 Page - STMicroelectronics

  STV6400 Datasheet HTML 1Page - STMicroelectronics STV6400 Datasheet HTML 2Page - STMicroelectronics STV6400 Datasheet HTML 3Page - STMicroelectronics STV6400 Datasheet HTML 4Page - STMicroelectronics STV6400 Datasheet HTML 5Page - STMicroelectronics STV6400 Datasheet HTML 6Page - STMicroelectronics STV6400 Datasheet HTML 7Page - STMicroelectronics STV6400 Datasheet HTML 8Page - STMicroelectronics STV6400 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
3
4
9
18
19
20
11
14
CLAMP
BUS
DECODER
CLAMP
CLAMP
CLAMP
CLAMP
6
8
10
12
-6dB
5
7
13
DIG BUFFER 1
DIG BUFFER 2
DIG BUFFER 3
Bus
Bus
Bus
Bus
Bus
Bus
15
16
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
0dB
6dB
6dB
OUT 1
OUT 2
OUT 3
SDA
SCL
VPV
CC
CC1 PVCC2 PVCC3
IN 1
IN 2
IN 3
IN 4
IN 5
Switch 1
Switch 2
Switch 3
Pos 1
Pos 2
Pos 3
Pos 4
Pos 5
Pos 6
Pos 1
Pos 2
Pos 3
Pos 1
Pos 2
Pos 3
Pos 4
Mute
STV6400
4.7k
Ω
Typical Coupling Capacitors = 100nF
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
12.0
V
Toper
Operating Temperature
-10, + 70
oC
Tstg
Storage Temperature
-55, + 150
oC
STV6400
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com