Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV0042 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV0042
Description  SATELLITE SOUND AND VIDEO PROCESSORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0042 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV0042 Datasheet HTML 9Page - STMicroelectronics STV0042 Datasheet HTML 10Page - STMicroelectronics STV0042 Datasheet HTML 11Page - STMicroelectronics STV0042 Datasheet HTML 12Page - STMicroelectronics STV0042 Datasheet HTML 13Page - STMicroelectronics STV0042 Datasheet HTML 14Page - STMicroelectronics STV0042 Datasheet HTML 15Page - STMicroelectronics STV0042 Datasheet HTML 16Page - STMicroelectronics STV0042 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PIN INTERNAL CIRCUITRY (continued)
FC L, FC R
Ivar is controlled by the peak det audio level max.
±15µA (1VPP audio).
FC L
FC R
1
1
V
DD 9V
Ivar
Figure 9
VOL OUT R, VOL OUT L
Audio output with volume and scart driver with
+12dB of gain for up to 2VRMS. The opamp has a
push-pull output stage.
Audio
2.4V Bias
30k
Ω
GND 0V
30k
Ω
VOL OUT R
VOL OUT L
15k
Ω
4.8V
Figure 10
S2 OUT L, S2 OUT R
Same as above but with gain fixed at +6dB.
Audio
2.4V Bias
20k
Ω
GND 0V
S2 OUT L
S2 OUT R
20k
Ω
Figure 11
1
2.4V
I
REF
Figure 14
S2 RTN L, S2 RTN R
4.8V bias voltage is the same as the bias level on
the audio outputs.
FM IN
The other input for each channel is internallybiased
in the same way via 10k
Ω to the 2.4V VREF.
IREF
The optimum value if IREF is 50
µA ±2% so an
external resistor of 47.5k
Ω ±1% is required.
50
µA
1
S2 RTN L
S2 RTN R
4.8V
25k
Ω
Figure 12
50
µA
1
FM IN
2.4V
10k
Ω
1
10k
Ω
Left Channel
Right Channel
50
µA
Figure 13
SCL
This is the input to a Schmitt input buffer made with
a CMOS amplifier.
SDA
24
µ/4µ
205
Ω
ESD
600
µ/2µ
GND 0V
Figure 16
SDA
Input same as above. Output pull down only : relies
on external resistor for pull-up.
SCL
24
µ/4µ
205
Ω
ESD
Figure 15
U75 L
U75 R
I2
I1
Figure 17
U75 L, U75 R
I1 - I2 = 2 x audio / 18k
Ω.eg 1VPP audio : ±55µA.
The are internal switches to match the audio level
of the different standards.
STV0042A
13/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com