| Electronic Components Datasheet Search |
|
M62320GP Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M62320GP Datasheet(HTML) 7 Page - Renesas Technology Corp |
|
7 / 11 page ![]() M62320GP REJ03D0909-0100 Rev.1.00 Mar 25, 2008 Page 7 of 10 Functional Description All parallel data I/O terminals are set to the input-state after power-on. In case any terminals need to be set to the output state, the corresponding terminals should be set during the write mode. This setting is hold until a next setting. In the write mode, 8 bits data can be transmitted from the I 2C BUS interface to the parallel ports continually after the slave address and I/O setting. In the read mode, 8 bits data can be transmitted from the parallel ports to the I 2C BUS interface continually after the slave address setting. In the case of a changing between the write-and read-mode, the data must be transmitted again from the starting condition. • In a case of a data conversion from serial to parallel. SDA SCL 1 2 3 4 5 6 7 8 12345678 A1 A0 A2 11 1 00 A P2 P1 P3 P5 P4 P6 P7 P0 A D12 D11 D13 D15 D14 D16 D17 D10 A D22 D21 D23 D25 D24 D26 D27 D20 A D2X D1X Hi-Z D0 to D7 DATA DATA I/O setting byte Slave address Transmission from a master (MCU etc.) Transmission from a slave (M62320) Start condition Stop condition Data output Data output • In a case of a data conversion from parallel to serial. All I/O setting resistors are set to low (input) in the write mode, before a parallel data is read. (All I/O setting resistors are set to the input mode after power-on). SDA Slave address I/O setting byte SCL 1 2 3 4 5 6 7 8 12345678 A1 A0 A2 11 1 00 A P2 P1 P3 P5 P4 P6 P7 P0 A Hi-Z D0 to D7 output SDA SCL 1234567 8 A1 A0 A2 11 1 01 A D12 D13 D15 D14 D16 D17 D11 D10 D32 D31 D33 D35 D34 A D36 D37 D30 A D42 D43 D45 D44 D46 D47 D41 D40 A 1234567 8 Hi-Z D0 to D7 output DATA DATA DATA Slave address D1X D2X D3X D4X D0 to D7 input (example) Transmission from a master (MCU etc.) Transmission from a slave (M62320) Start condition Start condition Stop condition Data latch Data latch Data latch |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |