Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38262EBFS Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M38262EBFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38262EBFS Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M38262EBFS Datasheet HTML 14Page - Renesas Technology Corp M38262EBFS Datasheet HTML 15Page - Renesas Technology Corp M38262EBFS Datasheet HTML 16Page - Renesas Technology Corp M38262EBFS Datasheet HTML 17Page - Renesas Technology Corp M38262EBFS Datasheet HTML 18Page - Renesas Technology Corp M38262EBFS Datasheet HTML 19Page - Renesas Technology Corp M38262EBFS Datasheet HTML 20Page - Renesas Technology Corp M38262EBFS Datasheet HTML 21Page - Renesas Technology Corp M38262EBFS Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 18 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Fig. 14 Port block diagram (1)
(5) Port P44
(4) Ports P16, P17, P2, P41, P42
Pull-up control
VL1/VSS
VL2/VL3/VCC
VL1/VSS
VL2/VL3/VCC
VL1/VSS
VL2/VL3/VCC
(1) Ports P01–P07, P11–P15
Data bus
Port latch
Interface logic level
shift circuit
Pull-up
Port
Segment
Segment/Port
LCD drive timing
Segment output
enable bit
Segment data
Port direction register
Port direction register
(2) Ports P00, P10
Data bus
Port latch
Interface logic level
shift circuit
Port
Segment
Segment/Port
LCD drive timing
Segment data
Port direction register
Direction register
Pull-up
Data bus
Port latch
Interface logic level
shift circuit
Port
Segment
Segment/Port
LCD drive timing
Segment data
Port P3 output control bit
Pull-up
(3) Port P3
Data bus
Port latch
Direction
register
Key input interrupt input
INT1, INT2 interrupt input
Except P16, P17
Pull-up control
Data bus
Port latch
Direction
register
Serial I/O1 enable bit
Serial I/O1 input
Receive enable bit
Segment output
enable bit
Segment output
enable bit
Port P3 output
control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com