Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS745F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS745F
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS745F Datasheet(HTML) 1 Page - STMicroelectronics

  STPS745F Datasheet HTML 1Page - STMicroelectronics STPS745F Datasheet HTML 2Page - STMicroelectronics STPS745F Datasheet HTML 3Page - STMicroelectronics STPS745F Datasheet HTML 4Page - STMicroelectronics STPS745F Datasheet HTML 5Page - STMicroelectronics STPS745F Datasheet HTML 6Page - STMicroelectronics STPS745F Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STPS745D/F/G
®
June 1999 - Ed: 4D
POWER SCHOTTKY RECTIFIER
IF(AV)
7.5 A
VRRM
45 V
Tj (max)
175
°C
VF (max)
0.57 V
MAIN PRODUCT CHARACTERISTICS
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
EXTREMELY FAST SWITCHING
INSULATED PACKAGE: ISOWATT220AC
Insulating voltage = 2000V DC
Capacitance = 12pF
FEATURES AND BENEFITS
Single Schottky rectifier suited for Switch Mode
Power Supply and high frequency DC to DC con-
verters.
Packaged either in TO-220AC, ISOWATT220AC
or D
2PAK, this device is intended for use in low
voltage, high frequency inverters, free wheeling
and polarity protection applications.
DESCRIPTION
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
RMS forward current
20
A
IF(AV)
Average forward current
δ = 0.5
TO-220AC /
D
2PAK
Tc = 160
°C
7.5
A
ISOWATT220AC Tc = 145
°C
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal
150
A
IRRM
Repetitive peak reverse current
tp = 2
µs square F = 1kHz
1
A
IRSM
Non repetitive peak reverse
current
tp = 100
µs square
2
A
Tstg
Storage temperature range
- 65 to + 175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
ISOWATT220AC
STPS745F
A
K
TO-220AC
STPS745D
A
K
D
2PAK
STPS745G
A
NC
K
*:
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/7


Similar Part No. - STPS745F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS745FP STMICROELECTRONICS-STPS745FP Datasheet
139Kb / 9P
Power Schottky rectifier
22-Mar-2007
STPS745FP STMICROELECTRONICS-STPS745FP Datasheet
515Kb / 14P
Power Schottky rectifier
29-May-2015
STPS745FP STMICROELECTRONICS-STPS745FP Datasheet
515Kb / 14P
Power Schottky rectifier
29-May-2015
More results

Similar Description - STPS745F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com