Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC8122VT8000 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MSC8122VT8000
Description  Quad Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122VT8000 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MSC8122VT8000 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8122VT8000 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
MSC8122 Quad Digital Signal Processor Data Sheet, Rev. 15
Freescale Semiconductor
39
3
Hardware Design Considerations
The following sections discuss areas to consider when the MSC8122 device is designed into a system.
3.1
Start-up Sequencing Recommendations
Use the following guidelines for start-up and power-down sequences:
•Assert PORESET and TRST before applying power and keep the signals driven low until the power reaches the
required minimum power levels. This can be implemented via weak pull-down resistors.
•
CLKIN
can be held low or allowed to toggle during the beginning of the power-up sequence. However, CLKIN must
start toggling before the deassertion of PORESET and after both power supplies have reached nominal voltage levels.
•
If possible, bring up VDD/VCCSYN and VDDH together. If it is not possible, raise VDD/VCCSYN first and then bring up
VDDH. VDDH should not exceed VDD/VCCSYN until VDD/VCCSYN reaches its nominal voltage level. Similarly, bring both
voltage levels down together. If that is not possible reverse the power-up sequence, with VDDH going down first and
then VDD/VCCSYN.
Note:
This recommended power sequencing for the MSC8122 is different from the MSC8102. See Section 2.5.2 for
start-up timing specifications.
External voltage applied to any input line must not exceed the I/O supply VDDH by more than 0.8 V at any time, including during
power-up. Some designs require pull-up voltages applied to selected input lines during power-up for configuration purposes.
This is an acceptable exception to the rule. However, each such input can draw up to 80 mA per input pin per device in the
system during start-up.
During the power-up sequence, if VDD rises before VDDH (see Figure 6), current can pass from the VDD supply through the
device ESD protection circuits to the VDDH supply. The ESD protection diode can allow this to occur when VDD exceeds VDDH
by more than 0.8 V. Design the power supply to prevent or minimize this effect using one of the following optional methods:
Figure 31. Test Access Port Timing Diagram
Figure 32. TRST Timing Diagram
TCK
(Input)
TDI
(Input)
TDO
(Output)
TDO
(Output)
VIH
VIL
Input Data Valid
Output Data Valid
TMS
708
709
710
711
TCK
(Input)
TRST
(Input)
713
712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com