Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS20150CG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20150CG
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20150CG Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20150CG Datasheet HTML 1Page - STMicroelectronics STPS20150CG Datasheet HTML 2Page - STMicroelectronics STPS20150CG Datasheet HTML 3Page - STMicroelectronics STPS20150CG Datasheet HTML 4Page - STMicroelectronics STPS20150CG Datasheet HTML 5Page - STMicroelectronics STPS20150CG Datasheet HTML 6Page - STMicroelectronics STPS20150CG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STPS20150CT/CG/CR/CFP
2/7
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB / D
2PAK/I2PAK
Per diode
2.2
°C/W
TO-220FPAB
4.5
TO-220AB / D
2PAK/I2PAK
Total
1.3
TO-220FPAB
3.5
Rth(c)
TO-220AB / D
2PAK/I2PAK
Coupling
0.3
TO-220FPAB
2.5
THERMAL RESISTANCES
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
5.0
µA
Tj = 125°C
5.0
mA
VF **
Forward voltage drop
Tj = 25
°CIF = 10 A
0.92
V
Tj = 125°C
IF = 10 A
0.69
0.75
Tj=25
°CIF =20 A
1
Tj = 125°C
IF = 20 A
0.79
0.86
Pulse test :
* tp=5ms,
δ <2%
** tp = 380 µs,
δ <2%
To evaluate the conduction losses use the following equation:
P=0.64xIF(AV) + 0.011 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com