Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6599 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6599
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6599 Datasheet HTML 24Page - STMicroelectronics L6599 Datasheet HTML 25Page - STMicroelectronics L6599 Datasheet HTML 26Page - STMicroelectronics L6599 Datasheet HTML 27Page - STMicroelectronics L6599 Datasheet HTML 28Page - STMicroelectronics L6599 Datasheet HTML 29Page - STMicroelectronics L6599 Datasheet HTML 30Page - STMicroelectronics L6599 Datasheet HTML 31Page - STMicroelectronics L6599 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Application information
L6599
28/36
Figure 32. Line sensing function: internal block diagram and timing diagram
With reference to Figure 32 the following relationships can be established for the ON
(VinON) and OFF (VinOFF) thresholds of the input voltage:
which, solved for RH and RL, yield:
While the line undervoltage is active there is no PWM activity, thus the VCC voltage (if not
supplied by another source) continuously oscillates between the start-up and the UVLO
thresholds, as shown in the timing diagram of Figure 32.
As an additional measure of safety (e.g. in case the low-side resistor is open or missing, or
in non-power factor corrected systems in case of abnormally high input voltage) if the
Vin
ON
1.25
–
R
H
----------------------------------
15
10
6
–
1.25
R
H
-----------
+
⋅
=
Vin
OFF
1.25
–
R
H
-------------------------------------
1.25
R
H
-----------
=
R
H
Vin
ON
Vin
OFF
–
15
10
6
–
⋅
------------------------------------------
=
R
L
R
H
1.25
Vin
OFF
1.25
–
-------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com