Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95640RMB6TP Datasheet(PDF) 44 Page - STMicroelectronics

Part # M95640RMB6TP
Description  32 Kbit and 64 Kbit serial SPI bus EEPROMs with high-speed clock
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640RMB6TP Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M95640RMB6TP Datasheet HTML 38Page - STMicroelectronics M95640RMB6TP Datasheet HTML 39Page - STMicroelectronics M95640RMB6TP Datasheet HTML 40Page - STMicroelectronics M95640RMB6TP Datasheet HTML 41Page - STMicroelectronics M95640RMB6TP Datasheet HTML 42Page - STMicroelectronics M95640RMB6TP Datasheet HTML 43Page - STMicroelectronics M95640RMB6TP Datasheet HTML 44Page - STMicroelectronics M95640RMB6TP Datasheet HTML 45Page - STMicroelectronics M95640RMB6TP Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Revision history
M95320, M95640, M95320-x, M95640-x
44/46
07-Jul-2006
6
Document converted to new ST template.
Packages are ECOPACK® compliant. PDIP package removed.
SO8N package specifications updated (see Table 22 and Figure 18).
M95640-S and M95320-S part numbers removed (DC and AC parameters
updated accordingly).
How to identify previous, current and new products by the Process
identification letter Table removed.
Figure 4: SPI modes supported updated and Note 2 added. First three
paragraphs of Section 4: Operating features replaced by Section 4.1:
Supply voltage (VCC).
TA added to Table 7: Absolute maximum ratings. ICC and ICC1 updated in
Table 13, Table 13, Table 14 and Table 16. VOL and VOH updated in
Table 14. ICC updated in Table 15. Data in Table 16 is no longer
preliminary.
tCH updated in Table 18. Table 21: AC characteristics (M95640-R) added.
Timing line of tSHQZ modified in Figure 17: Serial output timing.
Process letter added to Table 25: Ordering information scheme, Note 2
removed. Note 2 removed from Figure 2.
09-Oct-2007
7
JEDEC standard revision updated to D in Note 1 below Table 7: Absolute
maximum ratings.
Note 2 removed below Figure 3 and explanatory paragraph added.
Section 4.1: Supply voltage (VCC) updated. Table 6: Address range bits
corrected.
Products operating at VCC = 4.5 V to 5.5 V are no longer available in the
device grade 6 TA temperature range.
ICC and ICC1 parameters modified in Table 14: DC characteristics
(M95320-W and M95640-W, device grade 6).
Maximum frequency for M95640-W and M95320-W upgraded from 5 MHz
to 10 MHz in the device grade 6 TA temperature range (Table 18: AC
characteristics (M95320-W and M95640-W, device grade 6) modified
accordingly).
Table 27: Available M95640x products (package, voltage range,
temperature grade): /PB process letter added, /P process letter removed.
Blank option removed below Plating technology in Table 25: Ordering
information scheme.
Table 26 and Table 27 added. Small text changes.
Table 24: UFDFPN8 (MLP8) - 8-lead ultra thin fine pitch dual flat no lead,
package mechanical data updated.
Package mechanical inch values calculated from mm and rounded to 4
decimal digits in Section 10: Package mechanical data.
17-Dec-2007
8
Section 2.7: VSS ground added.
Device behavior when VCC passes over the POR threshold updated (see
Section 4.1.2: Device reset and Section 4.1.4: Power-down).
VIL and VIH modified in Table 16: DC characteristics (M95320-R and
M95640-R).
tW, write time, modified in Table 20: AC characteristics (M95320-R) and
Table 21: AC characteristics (M95640-R). Small text changes.
Table 28.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com