Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST6200C Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST6200C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200C Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST6200C Datasheet HTML 82Page - STMicroelectronics ST6200C Datasheet HTML 83Page - STMicroelectronics ST6200C Datasheet HTML 84Page - STMicroelectronics ST6200C Datasheet HTML 85Page - STMicroelectronics ST6200C Datasheet HTML 86Page - STMicroelectronics ST6200C Datasheet HTML 87Page - STMicroelectronics ST6200C Datasheet HTML 88Page - STMicroelectronics ST6200C Datasheet HTML 89Page - STMicroelectronics ST6200C Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
ST6200C/ST6201C/ST6203C
86/100
12 GENERAL INFORMATION
12.1 PACKAGE MECHANICAL DATA
Figure 68. 16-Pin Plastic Dual In-Line Package, 300-mil Width
Figure 69. 16-Pin Plastic Small Outline Package, 300-mil Width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95 0.115 0.130 0.195
b
0.36
0.46
0.56 0.014 0.018 0.022
b2
1.14
1.52
1.78 0.045 0.060 0.070
b3
0.76
0.99
1.14 0.030 0.039 0.045
c
0.20
0.25
0.36 0.008 0.010 0.014
D
18.67 19.18 19.69 0.735 0.755 0.775
D1
0.13
0.005
e
2.54
0.100
E
7.62
7.87
8.26 0.300 0.310 0.325
E1
6.10
6.35
7.11 0.240 0.250 0.280
L
2.92
3.30
3.81 0.115 0.130 0.150
eB
10.92
0.430
Number of Pins
N
16
c
E
E1
eB
L
A
A2
A1
e
b
b2
b3
D1
D
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65 0.093
0.104
A1
0.10
0.30 0.004
0.012
B
0.33
0.51 0.013
0.020
C
0.23
0.32 0.009
0.013
D
10.10
10.50 0.398
0.413
E
7.40
7.60 0.291
0.299
H
10.00
10.65 0.394
0.419
e
1.27
0.050
h
0.25
0.75 0.010
0.030
α
0°
8°
0°
8°
L
0.40
1.27 0.016
0.050
Number of Pins
N
16
H
E
C
h x 45×
a
L
B
e
A1
A
D
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com