Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS15L30CB Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS15L30CB
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L30CB Datasheet(HTML) 2 Page - STMicroelectronics

  STPS15L30CB Datasheet HTML 1Page - STMicroelectronics STPS15L30CB Datasheet HTML 2Page - STMicroelectronics STPS15L30CB Datasheet HTML 3Page - STMicroelectronics STPS15L30CB Datasheet HTML 4Page - STMicroelectronics STPS15L30CB Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS15L30CB
2/5
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
1mA
Tj = 125°C
70
140
mA
VF *
Forward voltage drop
Tj = 25
°CIF = 7.5 A
0.48
V
Tj = 125°C
IF = 7.5 A
0.34
0.39
Tj=25
°CIF =12 A
0.53
Tj = 125°C
IF =12 A
0.40
0.47
Tj=25
°CIF =15 A
0.57
Tj = 125°C
IF =15 A
0.44
0.51
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the conduction losses use the following equation :
P=0.27xIF(AV) + 0.016 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
Total
4
2.4
°C/W
Rth(c)
Coupling
0.7
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com