Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPC4EEBC Datasheet(PDF) 71 Page - STMicroelectronics

Part # STPC4EEBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EEBC Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STPC4EEBC Datasheet HTML 67Page - STMicroelectronics STPC4EEBC Datasheet HTML 68Page - STMicroelectronics STPC4EEBC Datasheet HTML 69Page - STMicroelectronics STPC4EEBC Datasheet HTML 70Page - STMicroelectronics STPC4EEBC Datasheet HTML 71Page - STMicroelectronics STPC4EEBC Datasheet HTML 72Page - STMicroelectronics STPC4EEBC Datasheet HTML 73Page - STMicroelectronics STPC4EEBC Datasheet HTML 74Page - STMicroelectronics STPC4EEBC Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
DESIGN GUIDELINES
Release 1.5 - January 29, 2002
71/93
6.3.6. IPC
Most of the IPC signals are multiplexed: Interrupt
inputs, DMA Request inputs, DMA Acknowledge
outputs. The figure below describes a complete
implementation of the IRQ[15:0] time-multiplexing.
When an interrupt line is used internally, the
corresponding input can be grounded. In most of
the embedded designs, only few interrupts lines
are necessary and the glue logic can be simplified.
When the interface is integrated into the STPC,
the corresponding interrupt line can be grounded
as it is connected internally.
For example, if the integrated IDE controller is
activated, the IRQ[14] and IRQ[15] inputs can be
grounded.
Figure 6-10. Typical IRQ multiplexing
74x153
1C0
1Y
1G
IRQ[0]
IRQ_MUX[0]
1C1
1C2
1C3
2C0
2C1
2C2
2C3
A
B
2G
2Y
IRQ_MUX[1]
IRQ[1]
IRQ[2]
IRQ[3]
IRQ[4]
IRQ[5]
IRQ[6]
IRQ[7]
74x153
1C0
1Y
1G
IRQ_MUX[2]
1C1
1C2
1C3
2C0
2C1
2C2
2C3
A
B
2G
2Y
IRQ_MUX[3]
IRQ[8]
IRQ[9]
IRQ[10]
IRQ[11]
IRQ[12]
IRQ[13]
IRQ[14]
IRQ[15]
ISA_CLK2X
ISA_CLK
Timer 0
Keyboard
Slave PIC
COM2/COM4
COM1/COM3
LPT2
LPT1
RTC
Mouse
FPU
PCI / IDE
PCI / IDE
Floppy
Floppy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com