Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL157G Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # RL157G
Description  1.5 AMP GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

RL157G Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  RL157G Datasheet HTML 1Page - UNIOHM CORPORATION RL157G Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.5 AMP GLASS PASSIVATED RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
RL151G RL152G RL153G RL154G RL155G RL156G RL157G
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.5
50
5.0
50
20
-65
+175
V
A
A
V
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.40 grams
RL151G THRU RL157G
1.1
Typical Thermal Resistance RqJA (Note 2)
50
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
* Glass passivated junction
1.5 Amperes
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range TJ, TSTG
C
C/W
A
A


Similar Part No. - RL157G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL157G RECTRON-RL157G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Shanghai Sunrise Electr...
RL157G SSE-RL157G Datasheet
13Kb / 1P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Bytes
RL157G BYTES-RL157G Datasheet
151Kb / 2P
1.5 AMP GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
RL157G FORMOSA-RL157G Datasheet
32Kb / 2P
1.5 AMP GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
RL157G GOOD-ARK-RL157G Datasheet
45Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - RL157G

ManufacturerPart #DatasheetDescription
logo
Bytes
IN15391G BYTES-IN15391G Datasheet
152Kb / 2P
1.5 AMP GLASS PASSIVATED RECTIFIERS
RL151G BYTES-RL151G Datasheet
151Kb / 2P
1.5 AMP GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
FR151G FORMOSA-FR151G Datasheet
33Kb / 2P
1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
RL151G FORMOSA-RL151G Datasheet
32Kb / 2P
1.5 AMP GLASS PASSIVATED RECTIFIERS
logo
First Components Intern...
GPZ15A FCI-GPZ15A Datasheet
144Kb / 2P
1.5 Amp Glass Passivated Sintered Rectifiers
logo
UNIOHM CORPORATION
FR151G UNIOHM-FR151G Datasheet
66Kb / 2P
1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
HER151G UNIOHM-HER151G Datasheet
69Kb / 2P
1.5 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
First Components Intern...
FR150G FCI-FR150G Datasheet
134Kb / 2P
1.5 Amp FAST RECOVERY Glass Passivated Rectifiers
logo
Goodwork Semiconductor ...
RL151G GWSEMI-RL151G Datasheet
64Kb / 2P
1.5 AMP GLASS PASSIVATED RECTIFIERS
FR151G GWSEMI-FR151G Datasheet
67Kb / 2P
1.5 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com