Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ607 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # KBJ607
Description  SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

KBJ607 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  KBJ607 Datasheet HTML 1Page - UNIOHM CORPORATION KBJ607 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 3.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
KBJ601 KBJ602 KBJ603 KBJ604 KBJ605 KBJ606 KBJ607
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
170
5.0
5.0
3.4
500
-55
+150
-55
+150
V
A
A
V
mA
mA
KBJ601 THRU KBJ607
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
6.0 Amperes
Dimensions in inches and (millimeters)
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
C/W
C/W
Typical Thermal Resistance RqJL (Note 3)
Typical Thermal Resistance RqJC (Note 2)
KBJ
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.173(4.4)
.150(3.8)
.203(5.2)
.189(4.8)
.134(3.4)
.122(3.1)
.043(1.1)
.035(0.9)
.083(2.1)
.067(1.7)
.995(25.3)
.983(24.7)
.153(3.9)
.134(3.4)
.031(0.8)
.023(0.6)
SPACING
~
~
Maximum Average Forward (with heatsink Note 1)
Rectified Current at Tc=110 C (Without heatsink)
2.8
6.0
NOTES
1. Device mounted on 75mm x 75mm x 1.6mm Cu Plate Heatsink.
2. Thermal Resistance from Junction to Case with device mounted on 75mm x 75mm x 1.6mm Cu Plate Heatsink.
3. Thermal Resistance from Junction to Lead without Heatsink.
FEATURES
* Ideal for printed circuit board
* Low forward voltage
* Mounting position: Any
* Low leakage current


Similar Part No. - KBJ607

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
KBJ607 GWSEMI-KBJ607 Datasheet
67Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBJ607G ETC1-KBJ607G Datasheet
312Kb / 2P
SINGLE PHASE GLASS PSSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBJ607

ManufacturerPart #DatasheetDescription
logo
Bytes
BR605 BYTES-BR605 Datasheet
145Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
RS601 BYTES-RS601 Datasheet
148Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
RS601M BYTES-RS601M Datasheet
148Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
BR605 UNIOHM-BR605 Datasheet
60Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
GBJ601 UNIOHM-GBJ601 Datasheet
66Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
RS601 UNIOHM-RS601 Datasheet
65Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBU601 GWSEMI-KBU601 Datasheet
65Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR605 DGNJDZ-BR605 Datasheet
153Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBU6005 BYTESONIC-GBU6005 Datasheet
525Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
2016/12/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com