Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT5366 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VT5366
Description  1.8V optical mouse sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5366 Datasheet(HTML) 1 Page - STMicroelectronics

  VT5366 Datasheet HTML 1Page - STMicroelectronics VT5366 Datasheet HTML 2Page - STMicroelectronics VT5366 Datasheet HTML 3Page - STMicroelectronics VT5366 Datasheet HTML 4Page - STMicroelectronics VT5366 Datasheet HTML 5Page - STMicroelectronics VT5366 Datasheet HTML 6Page - STMicroelectronics VT5366 Datasheet HTML 7Page - STMicroelectronics VT5366 Datasheet HTML 8Page - STMicroelectronics VT5366 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
December 2006
Rev 1
1/30
30
VT5366
1.8V optical mouse sensor
Features
Pin compatible with VT5364
Can be used (with external MCU) in all optical
mouse applications
Single +1.8V Supply
Very low power operation, enabling long
battery life
CPI programmable up to 3200 (default 800 cpi)
Up to 9,375 frames per second
Tracking at up to 40 ips
I2C interface
On-chip ADC for voltage level reporting
Proven, high volume package technology -
smallest package currently available on market
Minimal external circuitry
Low battery indicator
Suitable for use with both LED and laser
(VCSEL) light sources
Reference Designs available
Applications:
USB/PS2, Wireless & Bluetooth optical mice
Description
The VT5366 has been designed for pin to pin
compatibility with the VT5364(a) and is
STMicroelectronics first generally available chip
for use in all optical mice applications: Wired -
USB (Low and Full Speed) and PS2; Wireless -
27MHz/2.4GHz and BlueTooth. The device has
been designed to provide long battery life whilst
enabling excellent navigation control and
precision on a wide range of surfaces.
Housed in the smallest, currently available,
package (7mmx7mm), the chip is suitable for use
in small form-factor mice demanded by laptop
users. Minimal external circuitry is required
thereby reducing BOM and assembly costs.
The VT5366 sensor will operate over a wide
range of illuminant wavelengths. For devices
operating at approx 850nm (IR LED or VCSEL),
the on-die automatic exposure controller (AEC)
will compensate for the change in sensitivity
compared to 640nm (red LED). Motion
performance can be improved by increasing the
current supplied to the navigation LED.
A specifically designed LED optical system with
integrated light guide and lens is available along
with an aperture piece which clips the package in
place aligning the optics. This has been optimized
for low cost, space saving and ease of assembly
in high volume mouse manufacture. No kapton
tape is required in the assembly process. Please
contact STMicroelectronics for supplier details.
Technical specifications
a.
To make use of the new battery level function the PCB
and firmware will need to be modified
Resolution
CPI programmable up to
3200. Default 800 CPI
Pixel size
30.4 µm
Array size
20*20 pixels
Frame rate
Up to 9,375
frames/second
High speed motion
detector
Accurate motion up to 40
ips
Clock
6MHz
Supply voltage
1.8V
Supply current
RUN (9.6Kfps) - 9mA
Power Down - 10µA
typ. excluding LED
Operating temperature
[0: 60] °C
Package type
7*7mm 32 lead LOQFP
(Low profile Optical Quad
Flat Pack)
www.st.com


Similar Part No. - VT5366

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VT5366 STMICROELECTRONICS-VT5366 Datasheet
46Kb / 5P
1.8V Optical mouse sensor
13-Jun-2006
VT5366V032 STMICROELECTRONICS-VT5366V032 Datasheet
46Kb / 5P
1.8V Optical mouse sensor
13-Jun-2006
More results

Similar Description - VT5366

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
Optical Mouse Sensor
logo
STMicroelectronics
VT5366 STMICROELECTRONICS-VT5366 Datasheet
46Kb / 5P
1.8V Optical mouse sensor
13-Jun-2006
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
Optical Mouse Sensor
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
Optical Mouse Sensor
ADNS-2610 BOARDCOM-ADNS-2610 Datasheet
569Kb / 27P
Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com