Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLS2F02 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 20Page - STMicroelectronics STLS2F02 Datasheet HTML 21Page - STMicroelectronics STLS2F02 Datasheet HTML 22Page - STMicroelectronics STLS2F02 Datasheet HTML 23Page - STMicroelectronics STLS2F02 Datasheet HTML 24Page - STMicroelectronics STLS2F02 Datasheet HTML 25Page - STMicroelectronics STLS2F02 Datasheet HTML 26Page - STMicroelectronics STLS2F02 Datasheet HTML 27Page - STMicroelectronics STLS2F02 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
DDR2 SDRAM controller interface description
STLS2F02
24/49
4.4.2
Parameter descriptions
CONF_CTL_00 AP
The parameter determines whether the auto pre-charge function is enabled. If the function
is enabled, memory closes the page after each write/read instruction. If mass continuous
address operation happens, setting this parameter causes performance degradation.
CONF_CTL_00 CONCURRENTAP
This parameter determines whether the concurrent auto pre-charge function is enabled.
Most SDRAM vendors do not support this feature.
CONF_CTL_03 SREFRESH
This parameter sets the self refresh style. It must be set to 0 when returning from self
refresh.
CONF_CTL_07 CASLAT_LIN_GATE
This parameter controls the data sample of the memory controller when a read operation
returns. In general, It is equal to or less than half period of ACALAT_LIN. The value of
CASLAT_LIN is twice that of CAS.
CONF_CTL_15 DLL_INCREMENT
This parameter should not be set 0.
CONF_CTL_15 DLL_START_POINT
This parameter should not be set to 0 or 1 and should be less than 1.5 times the
DLL_LOCK_VALUE.
CONF_CTL_28 UB_DIMM
This parameter should be set to 1, when unbuffered DIMM(s) are used. It should be set 0
when SDRAM(s) are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com