Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE2007 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single-chip LCD controller/driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 17Page - STMicroelectronics STE2007 Datasheet HTML 18Page - STMicroelectronics STE2007 Datasheet HTML 19Page - STMicroelectronics STE2007 Datasheet HTML 20Page - STMicroelectronics STE2007 Datasheet HTML 21Page - STMicroelectronics STE2007 Datasheet HTML 22Page - STMicroelectronics STE2007 Datasheet HTML 23Page - STMicroelectronics STE2007 Datasheet HTML 24Page - STMicroelectronics STE2007 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
STE2007
Interface
21/62
4.2.1.1 Data/command transfer break
If the Host processor generates an break condition (!CS Line HIGH before having received
Bit D0) while transferring a Data byte to the Frame Memory or a Command identifier or a
command parameter, the not complete received byte is discarded, the communication is
interrupted and the interface is forced in reset state.
When !CS line becomes low again to start a new communication session STE2007 is ready
to receive the same byte interrupted re-transmitted or a new command identifier.
Figure 12.
4-lines SPI Data Transfer break condition
4.2.1.2 Data/command transfer pause
It is possible while transferring Frame Memory Data, Commands or Command Parameters
to insert a pause in the data transmission (!CS Line HIGH after 8 Bits Received). When !CS
is forced high after a whole byte received, the received byte is processed. Then STE2007 is
forced in a wait state ready to restart processing incoming data from the point where the
communication has been paused
If a new command identifier is transferred after a pause condition the previous
communication session is definitively closed.
Four are the possible conditions:
–
Command-Pause-Command
–
Command-Pause-Parameter
–
Parameter-Pause-Command
–
Parameter-Pause-Parameter
D7
D6
D5
D4
D3
D7
D6
D5
D4
D3
D/!C
!CS
SDA
SCL
LR0192
COMMAND/PARAMETER
COMMAND/PARAMETER
Break



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com