Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE3800XL Datasheet(PDF) 21 Page - STMicroelectronics

Part # ADE3800XL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XL Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ADE3800XL Datasheet HTML 17Page - STMicroelectronics ADE3800XL Datasheet HTML 18Page - STMicroelectronics ADE3800XL Datasheet HTML 19Page - STMicroelectronics ADE3800XL Datasheet HTML 20Page - STMicroelectronics ADE3800XL Datasheet HTML 21Page - STMicroelectronics ADE3800XL Datasheet HTML 22Page - STMicroelectronics ADE3800XL Datasheet HTML 23Page - STMicroelectronics ADE3800XL Datasheet HTML 24Page - STMicroelectronics ADE3800XL Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
21/138
ADE3800
Register Description by Block
4.3
Analog-to-Digital Converter (ADC)
The Analog-to-Digital block has the following features:
Supports input clocks up to 140MHz (SXGA 75Hz)
Adjustable analog amplifier bandwidth
Differential RGB input path for noise immunity
Built-in Sync-on-Green support
Individual RGB clock delay control
Power down control
Linear and independent Gain/Offset adjustment.
GAIN CONTROL
Red, Green, and Blue channels have independent control registers: ANA_ADC_RED_0,
ANA_ADC_GRN_0, and ANA_ADC_BLU_0, respectively.
FSYN_FM_AMPLITUDE
0855
R/W
[7:0]
00
frequency modulation amplitude
LSB = 4.5ps
FSYN_FM_PERIODX64
0856
R/W
[7:0]
80
frequency modulation period
LSB = 1.184us
FSYN_PULSE_HIGH_EXT
0857
R/W
[7]
00
enable pulse extend
0*: disabled
1: enabled
R/W
[2:0]
pulse extend value
LSB = 0.3ns (typ)
Table 11: FSYN_PR_SK Registers
Register Name
Addr
Mode
Bits
Rst
Description
FSYN_PR_SK_0
FSYN_PR_SK_1
0860
0861
R/W
R/W
[7:0]
[7:0]
00
00
sclk phase rate
= 2^15 * xclk_freq / sclk_freq
Set sclk = 140MHz
i.e. FSYN_PR_SK_1/0 = 18AFh @ xclk = 27MHz
Table 12: Clock Relationship
1 ppc
2 ppc
FSYN_OUTCLK_FREQ
2x DOTCLK_FREQ
DOTCLK_FREQ
DOTCLK SOURCE SEL
FSYN_OUTCLK_DIV2 (half speed)
FSYN_OUTCLK (full speed)
GLBL_CLK_SRC_SEL_0[6:4]
2
3
GLBL_CLK_SRC_SEL_1[6:4]
3
3
FSYN_PR_OTCLK
2^21 * XCLK_FREQ / 2x DOTCLK_FREQ
2^21 * XCLK_FREQ / DOTCLK_FREQ
Table 10: FSYN Frequency Synthesizer Registers (Sheet 2 of 2)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com