| Electronic Components Datasheet Search |
|
ST7MDT2-EPB2/EU Datasheet(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MDT2-EPB2/EU Datasheet(HTML) 47 Page - STMicroelectronics |
|
47 / 150 page ![]() ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto 47/150 12 MISCELLANEOUS REGISTERS The miscellaneous registers allow control over several different features such as the external in- terrupts or the I/O alternate functions. 12.1 I/O PORT INTERRUPT SENSITIVITY The external interrupt sensitivity is controlled by the ISxx bits of the MISCR1 miscellaneous regis- ter. This control allows to have two fully independ- ent external interrupt source sensitivities. Each external interrupt source can be generated on four different events on the pin: ■ Falling edge ■ Rising edge ■ Falling and rising edge ■ Falling edge and low level To guarantee correct functionality, the sensitivity bits in the MISCR1 register must be modified only when the I bit of the CC register is set to 1 (inter- rupt masked). See I/O port register and Miscella- neous register descriptions for more details on the programming. 12.2 I/O PORT ALTERNATE FUNCTIONS The MISCR registers manage four I/O port miscel- laneous alternate functions: ■ Main clock signal (fCPU) output on PF0 ■ A beep signal output on PF1 (with 3 selectable audio frequencies) ■ SPI pin configuration: – SS pin internal control to use the PC7 I/O port function while the SPI is active. These functions are described in detail in the Sec- tion 12 "MISCELLANEOUS REGISTERS" on page 47. Figure 27. Ext. Interrupt Sensitivity ei2 INTERRUPT SOURCE IS10 IS11 MISCR1 SENSITIVITY CONTROL PB1 PB2 PB0 PB3 PB5 PB6 PB4 PB7 ei3 ei0 INTERRUPT SOURCE IS20 IS21 MISCR1 SENSITIVITY CONTROL PA1 PA2 PA0 PA3 PF1 PF2 PF0 ei1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |