Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCC08RL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STCC08RL
Description  AC switch failure mode detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC08RL Datasheet(HTML) 3 Page - STMicroelectronics

  STCC08RL Datasheet HTML 1Page - STMicroelectronics STCC08RL Datasheet HTML 2Page - STMicroelectronics STCC08RL Datasheet HTML 3Page - STMicroelectronics STCC08RL Datasheet HTML 4Page - STMicroelectronics STCC08RL Datasheet HTML 5Page - STMicroelectronics STCC08RL Datasheet HTML 6Page - STMicroelectronics STCC08RL Datasheet HTML 7Page - STMicroelectronics STCC08RL Datasheet HTML 8Page - STMicroelectronics STCC08RL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STCC08
Characteristics
3/13
Table 2.
Pin allocations
Pin #
Name
Description
1
IN
Logic AC switch drive
2
AVF
Alternating voltage feedback: AC switch status output
3
N/C
Not connected
4
AC
AC switch status sense input
5VCC
Positive power supply
6
G
AC switch gate driver output
7RIG
AC switch gate current setting
8
GND
Power supply reference
Table 3.
Absolute ratings (Tamb = 25 °C unless otherwise stated, respect to GND)
Symbol
Pin
Parameter name and conditions
Value
Unit
VCC
VCC
Power supply voltage
0 to 6
V
VIN
IN
Switch activation voltage
-0.3V to VCC +0.3
V
IG
G
Sunk driver current
30
mA
IAC
AC
Input sense current peak
2.2
mA
VAVF
AVF
Alternative feedback voltage
-0.3 to VCC +0.3
V
IAVF
AVF
Maximum feedback current
5
mA
TJ
All
Junction temperature range
-20 to 125
°C
Storage junction temperature range
-40 to 150
°C
Table 4.
Recommended operating conditions
Symbol
Pin
Parameter name and conditions
Value
Unit
VCC
VCC
Power supply voltage respect to GND
2.97 to 5.5
V
IG
G
Max. sunk driver gate current
28
mA
RIG
RIG
Gate current setting resistor
30
Ω
RAC
AC
Detector resistance for AC line = 120 V
100
k
Ω
Detector resistance for AC line = 230 V
300
k
Ω
RSHUNT
-
HV biasing resistance for AC line = 120 V
100
k
Ω
HV biasing resistance for AC line = 230 V
300
k
Ω
TAMB
All
Operating ambient temperature range
-20 to 85
°C
TJ
All
Operating junction temperature range
-20 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com