Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4601 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4601
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4601 Datasheet HTML 1Page - STMicroelectronics TS4601 Datasheet HTML 2Page - STMicroelectronics TS4601 Datasheet HTML 3Page - STMicroelectronics TS4601 Datasheet HTML 4Page - STMicroelectronics TS4601 Datasheet HTML 5Page - STMicroelectronics TS4601 Datasheet HTML 6Page - STMicroelectronics TS4601 Datasheet HTML 7Page - STMicroelectronics TS4601 Datasheet HTML 8Page - STMicroelectronics TS4601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
February 2008
Rev 2
1/28
28
TS4601
High performance stereo headphone amplifier
with capacitorless outputs and I2C bus interface
Features
Power supply range: 2.9 V to 5.5 V
107 dB of PSRR at 217 Hz
Fully differential inputs
I²C interface for volume control
Digital volume control range from -60 dB to
+4 dB
101 dB of SNR A-weighted
Independent right and left channel shutdown
control
Low quiescent current: 4.8 mA typ. at 3.0 V
Low standby current: 2 µA max
Output-coupling capacitors removed
Flip-chip package 2.1 mm x 2.1 mm, 500 µm
pitch, 16 bumps
Applications
Cellular phones
Notebook computers
CD/MP3 players
Description
The TS4601 is a stereo headphone driver
dedicated to high audio performance and space-
constrained applications.
It is based on low power dissipation amplifier core
technology. Special care was taken in the design
of the amplification chain to achieve peerless
PSRR (107 dB typ. at 217 Hz) and 101 dB of
SNR.
The TS4601 can drive 0.9 Vrms output voltage
into 16
Ω and 1.6 Vrms into 10 kΩ, whatever the
power supply voltage, in the 2.9 V to 5.5 V range.
An I²C interface offers volume control in 64 steps
from -60 dB to +4 dB and multiple configuration
modes for the device.
The traditionally used output-coupling capacitors
can be removed and a dedicated common-mode
sense pin removes parasitic noise from the jack.
The TS4601 is designed to be used with an
output serial resistor. It ensures unconditional
stability over a wide range of capacitive loads.
The TS4601 is packaged in a tiny 16-bump flip-
chip with a pitch of 500 µm and a 300 µm
diameter ball size.
TS4601EIJT - Flip-chip
Balls are underneath
Pinout (top view)
C1
C2
PVCC
VCC
GND
PVSS
CMS
VOUTR
VOUTL
INL+
INR+
INL-
INR-
SCL
SDA
SDZ
43
2
1
A
B
C
D
C1
C2
PVCC
VCC
GND
PVSS
CMS
VOUTR
VOUTL
INL+
INR+
INL-
INR-
SCL
SDA
SDZ
43
2
1
A
B
C
D
www.st.com


Similar Part No. - TS4601

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4601B STMICROELECTRONICS-TS4601B Datasheet
637Kb / 28P
High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
08-Jul-2008
TS4601BEIJT STMICROELECTRONICS-TS4601BEIJT Datasheet
637Kb / 28P
High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
08-Jul-2008
More results

Similar Description - TS4601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
logo
STMicroelectronics
TS4956 STMICROELECTRONICS-TS4956 Datasheet
1Mb / 51P
Stereo audio amplifier system with I2C bus interface
May-2006
TS4975 STMICROELECTRONICS-TS4975_05 Datasheet
795Kb / 36P
Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
Nov-2005
TS4601B STMICROELECTRONICS-TS4601B Datasheet
637Kb / 28P
High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
08-Jul-2008
TS4621ML STMICROELECTRONICS-TS4621ML Datasheet
2Mb / 40P
High-performance class-G stereo headphone amplifier
07-May-2011
A22H165 STMICROELECTRONICS-A22H165 Datasheet
2Mb / 36P
High-performance class-G stereo headphone amplifier
06-Mar-2014
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com