Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T12 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T12
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T12 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T12 Datasheet HTML 9Page - STMicroelectronics M48T12 Datasheet HTML 10Page - STMicroelectronics M48T12 Datasheet HTML 11Page - STMicroelectronics M48T12 Datasheet HTML 12Page - STMicroelectronics M48T12 Datasheet HTML 13Page - STMicroelectronics M48T12 Datasheet HTML 14Page - STMicroelectronics M48T12 Datasheet HTML 15Page - STMicroelectronics M48T12 Datasheet HTML 16Page - STMicroelectronics M48T12 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
M48T02, M48T12
Clock operations
13/24
Table 5.
Register map
Keys:
S = SIGN Bit
FT = FREQUENCY TEST Bit (Set to '0' for normal clock operation)
R = READ Bit
W = WRITE Bit
ST = STOP Bit
0 = Must be set to '0'
3.3
Stopping and starting the oscillator
The oscillator may be stopped at any time. If the device is going to spend a significant
amount of time on the shelf, the oscillator can be turned off to minimize current drain on the
battery. The STOP Bit is the MSB of the seconds register. Setting it to a '1' stops the
oscillator. The M48T02/12 is shipped from STMicroelectronics with the STOP Bit set to a '1.'
When reset to a '0,' the M48T02/12 oscillator starts within one second.
3.4
Calibrating the clock
The M48T02/12 is driven by a quartz-controlled oscillator with a nominal frequency of
32,768 Hz. A typical M48T02/12 is accurate within 1 minute per month at 25°C without
calibration. The devices are tested not to exceed ± 35 ppm (parts per million) oscillator
frequency error at 25°C, which equates to about ±1.53 minutes per month.
The oscillation rate of any crystal changes with temperature. Figure 8 on page 15 shows the
frequency error that can be expected at various temperatures. Most clock chips compensate
for crystal frequency and temperature shift error with cumbersome “trim” capacitors. The
M48T02/12 design, however, employs periodic counter correction. The calibration circuit
adds or subtracts counts from the oscillator divider circuit at the divide by 256 stage, as
shown in Figure 9 on page 15. The number of times pulses are blanked (subtracted,
negative calibration) or split (added, positive calibration) depends upon the value loaded into
the five-bit Calibration Byte found in the Control Register. Adding counts speeds the clock
up, subtracting counts slows the clock down.
The Calibration Byte occupies the five lower order bits in the Control register. This byte can
be set to represent any value between 0 and 31 in binary form. The sixth bit is the Sign Bit;
Addres
s
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
7FF
10 Years
Year
Year
00-99
7FE
0
0
0
10 M
Month
Month
01-12
7FD
0
0
10 Date
Date
Date
01-31
7FC
0
FT
0
0
0
Day
Day
01-07
7FB
0
0
10 Hours
Hours
Hours
00-23
7FA
0
10 Minutes
Minutes
Minutes
00-59
7F9
ST
10 Seconds
Seconds
Seconds
00-59
7F8
W
R
S
Calibration
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com