Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6911E Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6911E
Description  5-Bit programmable step down controller with synchronous rectification
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6911E Datasheet HTML 14Page - STMicroelectronics L6911E Datasheet HTML 15Page - STMicroelectronics L6911E Datasheet HTML 16Page - STMicroelectronics L6911E Datasheet HTML 17Page - STMicroelectronics L6911E Datasheet HTML 18Page - STMicroelectronics L6911E Datasheet HTML 19Page - STMicroelectronics L6911E Datasheet HTML 20Page - STMicroelectronics L6911E Datasheet HTML 21Page - STMicroelectronics L6911E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Device description
L6911E
18/34
5.8
Input capacitor
The input capacitor has to sustain the ripple current produced during the on time of the
upper MOS, so it must have a low ESR to minimize the losses.
The rms value of this ripple is:
Equation 11
Where D is the duty cycle. The equation reaches its maximum value with D = 0.5.
The losses in worst case are:
Equation 12
5.9
Compensation network design
The control loop is a voltage mode (Figure 9 on page 19) that uses a droop function to
satisfy the requirements for a VRM module, reducing the size and the cost of the output
capacitor.
This method "recovers" part of the drop due to the output capacitor ESR in the load
transient, introducing a dependence of the output voltage on the load current: at light load
the output voltage will be higher than the nominal level, while at high load the output voltage
will be lower than the nominal value.
Figure 8.
Output transient response without (a) and with (b) the droop function
I
rms
I
OUT
D1
D
()
=
P
ESR I
rms
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com