Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM235 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM235
Description  Precision temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM235 Datasheet(HTML) 3 Page - STMicroelectronics

  LM235 Datasheet HTML 1Page - STMicroelectronics LM235 Datasheet HTML 2Page - STMicroelectronics LM235 Datasheet HTML 3Page - STMicroelectronics LM235 Datasheet HTML 4Page - STMicroelectronics LM235 Datasheet HTML 5Page - STMicroelectronics LM235 Datasheet HTML 6Page - STMicroelectronics LM235 Datasheet HTML 7Page - STMicroelectronics LM235 Datasheet HTML 8Page - STMicroelectronics LM235 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM135-LM235-LM335
Temperature accuracy
3/16
3
Temperature accuracy
4
Electrical characteristics
Note:
Accuracy measurements are made in a well-stirred oil bath. For other conditions, self-
heating must be considered
Table 2.
Temperature accuracy
Parameter
LM135 - LM235 -
LM335A
LM335
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Operating output voltage
Tcase = +25°C, IR = 1mA
2.95
2.98
3.01
2.92
2.98
3.04
V
Uncalibrated temperature error (IR = 1mA)
Tcase = +25°C
Tmin ≤ Tcase ≤ Tmax
1
2
3
5
4
5
6
9
°C
Temperature error with 25°C calibration
Tmin ≤ Tcase ≤ Tmax., IR = 1mA
LM135 - LM235
LM335
LM335A
0.5
0.5
1.5
1
12
°C
Calibrated error at extended temperature
Tcase = Tmax (intermittent)
22
°C
Non-linearity (IR = 1mA)
LM135 - LM235
LM335
LM335A
0.3
0.3
1
1.5
0.3
1.5
°C
Table 3.
Electrical characteristics
Parameter
LM135 - LM235
LM335-LM335A
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Operating output voltage change with current
450µA
≤ IR ≤ 5mA at constant temperature
2.5
10
3
14
mV
Dynamic impedance (IR = 1mA)
0.5
0.6
Ω
Output voltage temperature drift
+10
+10
mV/°C
Time constant
Still air
Air 0.5m/s
Stirred oil
80
10
1
80
10
1
s
Time stability (Tcase = +125°C)
0.2
0.2
°C/kh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com