Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM137K Datasheet(PDF) 13 Page - STMicroelectronics

Part # LM137K
Description  Three-terminal adjustable negative voltage regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM137K Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LM137K Datasheet HTML 9Page - STMicroelectronics LM137K Datasheet HTML 10Page - STMicroelectronics LM137K Datasheet HTML 11Page - STMicroelectronics LM137K Datasheet HTML 12Page - STMicroelectronics LM137K Datasheet HTML 13Page - STMicroelectronics LM137K Datasheet HTML 14Page - STMicroelectronics LM137K Datasheet HTML 15Page - STMicroelectronics LM137K Datasheet HTML 16Page - STMicroelectronics LM137K Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LM137 - LM337
Typical application
13/18
Figure 19.
- 5.2 V regulator with electronic shutdown (1)
1.
Minimum output = - 1.3 V when control input is low.
Figure 20.
Current regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com