Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25AB Datasheet(PDF) 7 Page - STMicroelectronics

Part # LE25AB
Description  Very low drop voltage regulators with inhibit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LE25AB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LE25AB Datasheet HTML 3Page - STMicroelectronics LE25AB Datasheet HTML 4Page - STMicroelectronics LE25AB Datasheet HTML 5Page - STMicroelectronics LE25AB Datasheet HTML 6Page - STMicroelectronics LE25AB Datasheet HTML 7Page - STMicroelectronics LE25AB Datasheet HTML 8Page - STMicroelectronics LE25AB Datasheet HTML 9Page - STMicroelectronics LE25AB Datasheet HTML 10Page - STMicroelectronics LE25AB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
LExxAB LExxC
Maximum ratings
7/39
3
Maximum ratings
Note:
If the Inhibit pin is left floating, the regulator is in ON mode. However, to avoid any noise
picking-up, it is suggested to ground it when the Inhibit function is not used.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
20
V
IO
Output current
Internally limited (1)
1.
Our SO-8 package used for Voltage Regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to
the die attach flag. This particular frame decreases the total thermal resistance of the package and increases its ability to
dissipate power when an appropriate area of copper on the printed circuit board is available for heatsinking. The external
dimensions are the same as for the standard SO-8.
PTOT
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Table 3.
Thermal data
Symbol
Parameter
SO-8
TO-92
Unit
RthJC
Thermal resistance junction-case
20
°C/W
RthJA
Thermal resistance junction-ambient
55
200
°C/W
Figure 3.
Test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com