Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA12600SWRG Datasheet(PDF) 7 Page - STMicroelectronics

Part # BTA12600SWRG
Description  12 A Snubberless, logic level and standard triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA12600SWRG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button BTA12600SWRG Datasheet HTML 3Page - STMicroelectronics BTA12600SWRG Datasheet HTML 4Page - STMicroelectronics BTA12600SWRG Datasheet HTML 5Page - STMicroelectronics BTA12600SWRG Datasheet HTML 6Page - STMicroelectronics BTA12600SWRG Datasheet HTML 7Page - STMicroelectronics BTA12600SWRG Datasheet HTML 8Page - STMicroelectronics BTA12600SWRG Datasheet HTML 9Page - STMicroelectronics BTA12600SWRG Datasheet HTML 10Page - STMicroelectronics BTA12600SWRG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BTA12, BTB12, T12xx
Ordering information scheme
7/12
Table 7.
Product selector
Order code(1)
1.
BTB: non insulated TO-220AB package
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA/BTB12-xxxBRG
X
X
50 mA
Standard
TO-220AB
BTA/BTB12-xxxBWRG
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB12-xxxCRG
X
X
25 mA
Standard
TO-220AB
BTA/BTB12-xxxCWRG
X
X
35 mA
Snubberless
TO-220AB
BTA/BTB12-xxxSWRG
X
X
10 mA
Logic Level
TO-220AB
BTA/BTB12-xxxTWRG
X
X
5 mA
Logic Level
TO-220AB
T1210-800G
-
X
10 mA
Logic Level
D2PAK
T1235-xxxG
X
X
35 mA
Snubberless
D2PAK
T1235-xxxR
X
X
35 mA
Snubberless
I2PAK
T1250-600G
X
-
50 mA
Snubberless
D2PAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com