| Electronic Components Datasheet Search |
|
STLC5412FN Datasheet(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5412FN Datasheet(HTML) 51 Page - STMicroelectronics |
|
51 / 74 page ![]() MWPS Micro Wire Port Select register (Signifi- cant in microwire mode only). (write only) Default value: Mode A (5410 compatible) – Writting FFH value select the mode B to ex- change data onto CI & CO – Writing 00H value select the mode A (See Mi- crowire control interface paragraph for more details Mode A, Mode B). Note: Soft Reset has no effect on the select mode. BAUD DELAY Register (DBAUD) After reset: 00H DBAUD7 DBAUD6 DBAUD5 DBAUD4 DBAUD3 DBAUD2 DBAUD1 DBAUD0 8 bits read-only register that provides the round trip bauds delay (12.5usec step). It is significant in LT mode only. The register is split in two sections: DBAUD4..DBAUD0: 5 bits counter of bauds delay between SFSx and SFSr rising edges (total digi- tal delay: tdd). DBAUD7..DBAUD5: 3 bits to store the internal elastic memory (FIFO) state. The table A shows the coding of the 3-stages elastic memory (elas- tic digital delay: edd). Table A. FIFO state baud delay (edd) 000 -1 010 -2 110 0 -2: 2 bauds have to be subtracted from bauds counter value (DBAUD4..DBAUD0) -1: 1 baud has to be subtracted to bauds counter value (DBAUD4..DBAUD0) 0: no correction All other FIFO states are used during activation procedure. Once PLL2 is frozen you can be only in one of the 3 states in table A. TX RX Clocks Different Register (DTXRX) After reset: 00H 7 6 5 43210 8bits read-only register that provides the phase difference between transmit clock and receive re- covered clock by PLL2 in steps of 65.1 nsec. (clock elastic delay: ced). The register is signifi- cant in LT mode only. STLC5412 51/74 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |