Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT16245 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74ACT16245
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT16245 Datasheet(HTML) 7 Page - STMicroelectronics

  74ACT16245 Datasheet HTML 1Page - STMicroelectronics 74ACT16245 Datasheet HTML 2Page - STMicroelectronics 74ACT16245 Datasheet HTML 3Page - STMicroelectronics 74ACT16245 Datasheet HTML 4Page - STMicroelectronics 74ACT16245 Datasheet HTML 5Page - STMicroelectronics 74ACT16245 Datasheet HTML 6Page - STMicroelectronics 74ACT16245 Datasheet HTML 7Page - STMicroelectronics 74ACT16245 Datasheet HTML 8Page - STMicroelectronics 74ACT16245 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74ACT16245
7/9
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.006
A2
0.9
0.035
b
0.17
0.27
0.0067
0.011
c
0.09
0.20
0.0035
0.0079
D
12.4
12.6
0.488
0.496
E
8.1 BSC
0.318 BSC
E1
6.0
6.2
0.236
0.244
e
0.5 BSC
0.0197 BSC
K0˚
8˚
0˚
8˚
L
0.50
0.75
0.020
0.030
TSSOP48 MECHANICAL DATA
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
7065588C



Html Pages

1 2 3 4 5 6 7 8 9