Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLC3065 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC3065
Description  WLL SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3065 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC3065 Datasheet HTML 14Page - STMicroelectronics STLC3065 Datasheet HTML 15Page - STMicroelectronics STLC3065 Datasheet HTML 16Page - STMicroelectronics STLC3065 Datasheet HTML 17Page - STMicroelectronics STLC3065 Datasheet HTML 18Page - STMicroelectronics STLC3065 Datasheet HTML 19Page - STMicroelectronics STLC3065 Datasheet HTML 20Page - STMicroelectronics STLC3065 Datasheet HTML 21Page - STMicroelectronics STLC3065 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IONTHI
On/hook current threshold
Hi Z mode, RTH = 28.7k
Ω 1%
(Prog. ITH = 9mA)
6mA
RONTHI
On/hook loop resistance
threshold
Hi Z mode, RTH = 28.7k
Ω 1%
(Prog. ITH = 9mA)
8k
Ω
Irt
Ring Trip detector threshold
range
RING
20
50
mA
Irta
Ring Trip detector threshold
accuracy
RING
-15
15
%
Trtd
Ring trip detection time
RING
TBD
ms
Td
Dialling distortion
ACTIVE
-1
1
ms
Rlrt (1)
Loop resistance
500
Ω
ThAl
Tj for th. alarm activation
160
°C
DIGITAL INTERFACE
INPUTS: D0, D1, D2, P1, P2,CLK
OUTPUTS: DET, DET1, DET2
Vih
In put high voltage
2
V
Vil
Input low voltage
0.8
V
Iih
Input high current
-10
10
µA
Iil
Input low current
-10
10
µA
Vol
Output low voltage
Iol = 1mA
0.45
V
PSRR AND POWER CONSUMPTION
PSRRC
Power supply rejection Vpos to
2W port
Vripple = 100mVrms
50 to 4000Hz
26
36
dB
Ivpos
Vpos supply current @ ii = 0
HI-Z On-Hook
ACTIVE On-Hook,
RING (line open)
52
93
120
60
115
140
mA
mA
mA
Ipk
Peak current limiting accuracy
RING Off-Hook
RSENSE = 110m
Ω
-20%
950
+20%
mApk
ELECTRICAL CHARACTERISTICS (continued)
(1) Rlrt = Maximum loop resistance (incl. telephone) for correct ring trip detection.
STLC3065
18/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com