Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST202EC Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST202EC
Description  /- 15 kV ESD protected 5 V RS-232 transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST202EC Datasheet(HTML) 5 Page - STMicroelectronics

  ST202EC Datasheet HTML 1Page - STMicroelectronics ST202EC Datasheet HTML 2Page - STMicroelectronics ST202EC Datasheet HTML 3Page - STMicroelectronics ST202EC Datasheet HTML 4Page - STMicroelectronics ST202EC Datasheet HTML 5Page - STMicroelectronics ST202EC Datasheet HTML 6Page - STMicroelectronics ST202EC Datasheet HTML 7Page - STMicroelectronics ST202EC Datasheet HTML 8Page - STMicroelectronics ST202EC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ST202EB - ST202EC - ST232EB - ST232EC
Electrical characteristics
5/18
3
Electrical characteristics
Note:
All test versus GND.
1.
Measured from 3 V to -3 V or from -3 V to 3 V
2.
One transmitter output is loaded with RL = 3 kΩ to 7 kΩ, CL = 50 to 1000 pF
Table 4.
ESD performance: transmitter outputs, receiver inputs
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ESD
ESD protection voltage
Human Body Model
± 15
kV
ESD
ESD protection voltage
IEC 1000-4-2 (Contact Discharge)
± 6kV
ESD
ESD protection voltage
IEC 1000-4-2 (Air Discharge)
± 8kV
Table 5.
Electrical characteristics
(C1 - C4 = 0.1 µF for ST202E, C1 - C4 = 0.1 µF for ST232E, VCC = 5 V ± 10 %,
TA = -40 to 125 °C, unless otherwise specified. Typical values are referred to TA = 25 °C).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ISUPPLY
VCC power supply current
No Load, TA = 25°C
5
10
mA
Table 6.
Transmitter electrical characteristics
(C1 - C4 = 0.1 µF, VCC = 5 V ± 10 %, TA = -40 to 85 °C, unless otherwise specified. Typical
values are referred to TA = 25 °C).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTOUT
Output voltage swing
All Transmitter outputs are loaded
with 3 k
Ω to GND
± 5
± 9V
ITIL
Input leakage current
± 10
µA
VTIL
Input logic threshold low
0.8
V
VTIH
Input logic threshold high
2
V
SRT
Transition slew rate
TA = 25°C, VCC = 5 V RL = 3 to 7
K
Ω, CL = 50 to 1000 pF (1)
36
30
V/µs
DR
Data rate
RL = 3 to 7 kΩ, CL = 50 to 1000 pF
one transmitter switching
230
400
kbits/s
RTOUT
Transmitter output resistance
VCC = V+ = V- = 0V VOUT = ± 2 V
300
Ω
ISC
Transmitter output short circuit
current
±10
±60
mA
tDT
Transmitter propagation delay
RL = 3 to 7 kΩ, CL = 50 to 2500 pF
All transmitter loaded
2µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com