Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDID5B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDID5B
Description  N - CHANNEL 55V - 0.1 ohm - 12A TO-252 STripFET POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDID5B Datasheet(HTML) 1 Page - STMicroelectronics

  STDID5B Datasheet HTML 1Page - STMicroelectronics STDID5B Datasheet HTML 2Page - STMicroelectronics STDID5B Datasheet HTML 3Page - STMicroelectronics STDID5B Datasheet HTML 4Page - STMicroelectronics STDID5B Datasheet HTML 5Page - STMicroelectronics STDID5B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STDID5B
N - CHANNEL 55V - 0.1
Ω - 12A TO-252
STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.1
Ω
s
APPLICATION ORIENTED
CHARACTERIZATION
s
ADD SUFFIX "T4" FOR ORDERING IN TAPE
& REEL
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
"Single
Feature
Size
™" strip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR CONTROL
s
DC-DC & DC-AC CONVERTERS
®
INTERNAL SCHEMATIC DIAGRAM
May 2000
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
55
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)55
V
VGS
Gate-source Voltage
± 20
V
ID(*)
Drain Current (continuous) at Tc = 25
oC12
A
ID
Drain Current (continuous) at Tc = 100
oC8
A
IDM(
•)
Drain Current (pulsed)
48
A
Ptot
Total Dissipation at Tc = 25
o C35
W
Derating Factor
0.23
W/
oC
EAS
(1)
Single Pulse Avalanche Energy
25
mJ
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(1) starting Tj = 25
oC, ID =12A , VDD = 30V
New RDS(on) spec. starting from July ’98
TYPE
VDSS
RDS(on)
ID
STDID5B
55 V
< 0.12
Ω
12 A
1
3
DPAK
TO-252
(Suffix "T4")
1/6


Similar Part No. - STDID5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
Std TI1-Std Datasheet
372Kb / 13P
2-A to 6-A Integrated Power Solution
STD TI1-STD Datasheet
1Mb / 26P
a Phase-Dimmable, Primary-Side Regulated LED Driver
Std TI1-Std Datasheet
425Kb / 17P
TPS62125EVM-044 Evaluation Module
STD TI1-STD Datasheet
1Mb / 23P
Using the TPS51916EVM-746 Complete DDR2, DDR3
Std TI1-Std Datasheet
268Kb / 17P
TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
More results

Similar Description - STDID5B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF55L-06 STMICROELECTRONICS-STB80NF55L-06 Datasheet
85Kb / 8P
N - CHANNEL 55V - 0.005 ohm - 80A D2PAK STripFET POWER MOSFET
Oct-1999
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STD12NE06L STMICROELECTRONICS-STD12NE06L Datasheet
92Kb / 9P
N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET
Jan-2000
STD19NE06L STMICROELECTRONICS-STD19NE06L Datasheet
90Kb / 9P
N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
Feb-1999
STD25NE03L STMICROELECTRONICS-STD25NE03L Datasheet
91Kb / 9P
N - CHANNEL 30V - 0.019 ohm - 25A - TO-251/TO-252 STripFET POWER MOSFET
Mar-1999
STD30NE06L STMICROELECTRONICS-STD30NE06L Datasheet
86Kb / 8P
N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET
May-1999
STD38NF03L STMICROELECTRONICS-STD38NF03L Datasheet
46Kb / 6P
N - CHANNEL 30V - 0.013 ohm - 38A TO-252 STripFET POWER MOSFET
Mar-2000
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
Sep-1999
STD5NE10 STMICROELECTRONICS-STD5NE10 Datasheet
43Kb / 3P
N - CHANNEL 100V - 0.32 ohm - 5A TO-251/TO-252 STripFET] POWER MOSFET
May-1999
STP80NF55L-06 STMICROELECTRONICS-STP80NF55L-06 Datasheet
83Kb / 8P
N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
Oct-1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com