Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC7112 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MAC7112
Description  Microcontroller Family Reference Manual
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7112 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MAC7112 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAC7112 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAC7112 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAC7112 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAC7112 Datasheet HTML 13Page - Freescale Semiconductor, Inc MAC7112 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAC7112 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAC7112 Datasheet HTML 16Page - Freescale Semiconductor, Inc MAC7112 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 710 page
background image
Functional Overview
MAC7100 Microcontroller Family Product Brief, Rev. 2
Preliminary
Freescale Semiconductor
13
4.11 Enhanced Serial Communications Interfaces (eSCI)
There are up to four Enhanced Serial Communications Interfaces (eSCI) implemented on MAC7100
devices. Refer to Table 1 for the number of eSCI channels implemented on a specific device. The eSCI
provides full duplex, asynchronous, NRZ serial communication with remote devices, including other
MPUs. The eSCI transmitter and receiver operate independently, although they use the same baud rate
generator. The CPU monitors the status of the eSCI, writes the data to be transmitted, and processes
received data. The enhancement offered by this module over other Freescale SCIs is the inclusion of
additional features which support a Local Interconnect Network (LIN) bus master, and complies with the
LIN 2.0 specification. LIN master mode enables handling message frames rather than individual data
packets, thus significantly reducing interrupt overhead (for example, from 13 individual interrupts to one).
4.12 Inter-Integrated Circuit (I2C) Bus Module
The Inter-Integrated Circuit Bus (I2C or IIC) is a two-wire bidirectional serial bus that provides a simple
and efficient method of data exchange between devices. It minimizes the number of external connections
between devices and does not require an external address decoder. The I2C bus is suitable for applications
requiring occasional communications over a short distance between a number of devices. It also provides
flexibility, allowing additional devices to be connected to the bus for further expansion and system
development. The interface is designed to operate at up to 100 Kbps with maximum bus loading and
timing. MAC7100 family devices are capable of operating at higher baud rates, up to a maximum of the
module clock divided by 20, with reduced bus loading. The maximum communication length and the
number of devices that can be connected are limited by the maximum bus capacitance of 400 pF.
4.13 Periodic Interrupt Timer (PIT) Module
The PIT is an array of timers that can be used to generate interrupts and trigger eDMA channels. It also
provides a dedicated Real-Time Interrupt (RTI) timer, which runs on a separate clock and can be used for
system wake-up from low-power modes.
The PIT provides eleven programmable timers offering a range of functions. All of the timers are 24-bit
wide down-counters. Once zero is reached, a trigger can be generated, then the counter is reloaded with
the start value and continues to be decremented. The value of the decrementer can be read at any time. The
eleven timers provide one Real Time Interrupt (RTI), four general purpose timers, four eDMA trigger
timers, and two timers used to trigger ATD conversions.
4.14 Miscellaneous Control Module (MCM) and Cross-Bar
Switch (XBS)
The Miscellaneous Control Module (MCM) provides several control functions for the MAC7100 family
Standard Product Platform (SPP), including program-visible information regarding configuration and
revision levels, a reset status register, a software watchdog timer, wake-up control for exiting sleep modes,
the control registers for the crossbar switch, and generic access error information for the processor core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com