Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP80390 Datasheet(PDF) 7 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 7 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 3Page - Digital Core Design DP80390 Datasheet HTML 4Page - Digital Core Design DP80390 Datasheet HTML 5Page - Digital Core Design DP80390 Datasheet HTML 6Page - Digital Core Design DP80390 Datasheet HTML 7Page - Digital Core Design DP80390 Datasheet HTML 8Page - Digital Core Design DP80390 Datasheet HTML 9Page - Digital Core Design DP80390 Datasheet HTML 10Page - Digital Core Design DP80390 Datasheet HTML 11Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
DP80390 Instructions set details
- 7 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
1. OVERVIEW
1.1. DOCUMENT STRUCTURE.
Document contains brief description of DP80390 instructions. This manual is
intended for design engineers who are planning to use the DP80390 HDL core in
conjunction with software assembler, compiler and debugger tools.
2. INSTRUCTIONS SET BRIEF
2.1. INSTRUCTION SET NOTES
The DP80390 has five different addressing modes: immediate, direct, register, indirect
and relative. In the immediate addressing mode the data is contained in the opcode. By
direct addressing an eight bit address is a part of the opcode, by register addressing, a
register is selected in the opcode for the operation. In the indirect addressing mode, a
register is selected in the opcode to point to the address used by the operation. The
relative addressing mode is used for jump instructions.
The following tables give a survey about the instruction set cycles of the DP80390
microcontroller core. One cycle is equal to one clock period.
Table 1 and Table 2 contain notes for mnemonics used in Instruction set tables. Tables 3 -
7 show instruction hexadecimal codes, number of bytes and machine cycles that each
instruction takes to execute.
Rn
Working register R0-R7
direct
128 internal RAM locations, any Special Function Registers
@Ri
Indirect internal or external RAM location addressed by register R0 or R1
#data
8-bit constant included in instruction
#data16
16-bit constant included as bytes 2 and 3 of instruction
#data24
24-bit constant included as bytes 2,3 and 4 of instruction
bit
256 software flags, any bit-addressable l/O pin, control or status bit
A
Accumulator
Table 1. Notes on data addressing modes
addr24
Destination address for LCALL and LJMP may be anywhere within the 16 MB of
program memory address space in FLAT mode.
addr19
Destination address for ACALL and AJMP will be within the same 512 KB page of
program memory as the first byte of the following instruction in FLAT mode
addr16
Destination address for LCALL and LJMP may be anywhere within the 64 kB of
program memory address space in LARGE mode.
addr11
Destination address for ACALL and AJMP will be within the same 2 KB page of
program memory as the first byte of the following instruction in LARGE mode
rel
SJMP and all conditional jumps include an 8-bit offset byte. Range is +127/-128
bytes relative to the first byte of the following instruction
Table 2. Notes on program addressing modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com