Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE7569 Datasheet(PDF) 59 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 55Page - Analog Devices ADE7569 Datasheet HTML 56Page - Analog Devices ADE7569 Datasheet HTML 57Page - Analog Devices ADE7569 Datasheet HTML 58Page - Analog Devices ADE7569 Datasheet HTML 59Page - Analog Devices ADE7569 Datasheet HTML 60Page - Analog Devices ADE7569 Datasheet HTML 61Page - Analog Devices ADE7569 Datasheet HTML 62Page - Analog Devices ADE7569 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 59 of 148
REACTIVE POWER CALCULATION15
Reactive power is defined as the product of the voltage and
current waveforms when one of these signals is phase-shifted by
90°. The resulting waveform is called the instantaneous reactive
power signal. Equation 25 gives an expression for the instanta-
neous reactive power signal in an ac system when the phase of
the current channel is shifted by +90°.
v(t) =
)
sin(
2
θ
+
ωt
V
(23)
i(t) =
)
sin(
2
t
I
ω
⎟
⎠
⎞
⎜
⎝
⎛
π
+
ω
=
′
2
sin
2
)
(
t
I
t
i
(24)
where:
θ is the phase difference between the voltage and current
channel.
V is the rms voltage.
I is the rms current.
q(t) = v(t) × i’(t)
(25)
q(t) = VI sin (θ) + VI sin
)
2
(
θ
+
ωt
The average reactive power over an integral number of lines (n)
is given in Equation 26.
∫
=
=
nT
VI
dt
t
q
nT
Q
0
)
sin(
)
(
1
θ
(26)
where:
T is the line cycle period.
q is referred to as the reactive power.
Note that the reactive power is equal to the dc component of the
instantaneous reactive power signal q(t) in Equation 25. This is
the relationship used to calculate reactive power in the
ADE75XX/ADE71XX. The instantaneous reactive power signal
q(t) is generated by multiplying Voltage and Current channels.
In this case, the phase of Current channel is shifted by +90°. The
dc component of the instantaneous reactive power signal is then
extracted by a low-pass filter in order to obtain the reactive
power information – see Figure 45.
In addition, the phase shifting filter has a non-unity magnitude
response. Because the phase-shift filter has a large attenuation at
high frequency, the reactive power is primarily for the
calculation at line frequency. The effect of harmonics is largely
ignored in the reactive power calculation. Note that because of
the magnitude characteristic of the phase shifting filter, the
weight of the reactive power is slightly different from the active
power calculation – see Energy register scaling.
15 This function is not available in ADE7566 and ADE7166products
The frequency response of the LPF in the reactive signal path is
identical to that of the LPF2 used in the average active power
calculation. Since LPF2 does not have an ideal “brick wall”
frequency response—see Figure 38, the reactive power signal
has some ripple due to the instantaneous reactive power signal.
This ripple is sinusoidal and has a frequency equal to twice the
line frequency. Because the ripple is sinusoidal in nature, it is
removed when the reactive power signal is integrated to
calculate energy—see the Reactive Power Calculation section.
The reactive power signal can be read from the waveform
register by setting the WAVMODE register (0x0D) and setting
the WFSM bit in the Interrupt Enable Register 3 SFR
(MIRQENH, 0xDB). Like the current and voltage channels
waveform sampling modes, the waveform date is available at
sample rates of 27.9 kSPS, 14 kSPS, 7 kSPS, or
3.5 kSPS.
Reactive gain automatic compenstation
The ADE75XX/ADE71XX reactive power calculation has a
20dB/decade attenuation over frequency. In order to attenuate
this effect for the line frequency, the ADE75XX/ADE71XX has
a dynamic compensation of the line frequency to maintain a
constant gain over the fundamental line frequency between 45
and 65Hz. However, this automatic compensation can be
disabled by setting bit 7 of the NLMODE register (0x0E).
Reactive power gain calibration
Figure 45 shows the signal processing chain for the reactive
power calculation in the ADE75XX/ADE71XX. As explained,
the reactive power is calculated by low-pass filtering the
instantaneous reactive power signal. Note that when reading the
waveform samples from the output of LPF2, the gain of the
reactive energy can be adjusted by using the multiplier and var
gain register (VARGAIN[11:0]). The gain is adjusted by writing
a twos complement 12-bit word to the var gain register.
Equation 11 shows how the gain adjustment is related to the
contents of the watt gain register:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎭
⎬
⎫
⎩
⎨
⎧ +
×
=
12
2
1
Re
VARGAIN
Power
active
VARGAIN
Output
(11)
The resolution of the VARGAIN register is the same as the
WGAIN register – see Active power gain calibration section.
VARGAIN can be used to calibrate the reactive power (or
energy) calculation in the ADE75XX/ADE71XX.
Reactive power offset calibration
The ADE75XX/ADE71XX also incorporates a reactive power
offset register (VAROS[15:0]). This is a signed twos
complement 16-bit register that can be used to remove offsets in
the reactive power calculation—see Figure 45. An offset could
exist in the reactive power calculation due to crosstalk between
channels on the PCB or in the IC itself. The offset calibration
allows the contents of the reactive power register to be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com