Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE75 Datasheet(PDF) 110 Page - Analog Devices

Part # ADE75
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE75 Datasheet(HTML) 110 Page - Analog Devices

Back Button ADE75 Datasheet HTML 106Page - Analog Devices ADE75 Datasheet HTML 107Page - Analog Devices ADE75 Datasheet HTML 108Page - Analog Devices ADE75 Datasheet HTML 109Page - Analog Devices ADE75 Datasheet HTML 110Page - Analog Devices ADE75 Datasheet HTML 111Page - Analog Devices ADE75 Datasheet HTML 112Page - Analog Devices ADE75 Datasheet HTML 113Page - Analog Devices ADE75 Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 110 of 148
1
0
8-Bit Autoreload Timer/Counter. TH1 holds a value that is to be reloaded into
TL1 each time it overflows.
1
1
Timer/Counter 1 Stopped.
3
Gate0
0
Timer 0 Gating Control.
Set by software to enable Timer/Counter 0 only while the INT0 pin is high and the TR0 control bit
is set.
Cleared by software to enable Timer 0 whenever the TR0 control bit is set.
2
C_T0
0
Timer 0 Timer or Counter Select Bit.
Set by software to the select counter operation (input from T0 pin).
Cleared by software to the select timer operation (input from internal system clock).
Timer 0 Mode Select Bits
M1
M0
Description
0
0
TH0 operates as an 8-bit timer/counter. TL0 serves as a 5-bit prescaler.
0
1
16-Bit Timer/Counter. TH0 and TL0 are cascaded; there is no prescaler.
1
0
8-Bit Autoreload Timer/Counter. TH0 holds a value that is to be reloaded into
TL0 each time it overflows.
1-0
T0_M1,
T0_M0
00
1
1
TL0 is an 8-bit timer/counter controlled by the standard Timer 0 control bits.
TH0 is an 8-bit timer only, controlled by Timer 1 control bits.
Table 98. Timer/Counter 0 and 1 Control SFR (TCON, 0x88)
Bit
Location
Bit
Addr.
Bit
Name
Default
Value
Description
7
0x8F
TF1
0
Timer 1 Overflow Flag.
Set by hardware on a Timer/Counter 1 overflow.
Cleared by hardware when the program counter (PC) vectors to the interrupt service
routine.
6
0x8E
TR1
0
Timer 1 Run Control Bit.
Set by the user to turn on Timer/Counter 1.
Cleared by the user to turn off Timer/Counter 1.
5
0x8D
TF0
0
Timer 0 Overflow Flag.
Set by hardware on a Timer/Counter 0 overflow.
Cleared by hardware when the PC vectors to the interrupt service routine.
4
0x8C
TR0
0
Timer 0 Run Control Bit.
Set by the user to turn on Timer/Counter 0.
Cleared by the user to turn off Timer/Counter 0.
3
0x8B
IE11
0
External Interrupt 1 (INT1) Flag.
Set by hardware by a falling edge or by a zero level applied to the external interrupt pin,
INT1, depending on the state of Bit IT1.
Cleared by hardware when the PC vectors to the interrupt service routine only if the
interrupt was transition-activated. If level-activated, the external requesting source controls
the request flag rather than the on-chip hardware.
2
0x8A
IT11
0
External Interrupt 1 (IE1) Trigger Type.
Set by software to specify edge-sensitive detection, that is, 1-to-0 transition.
Cleared by software to specify level-sensitive detection, that is, zero level.
1
0x89
IE01
0
External Interrupt 0 (INT0) Flag.
Set by hardware by a falling edge or by a zero level being applied to the external interrupt
pin, INT0, depending on the statue of Bit IT0.
Cleared by hardware when the PC vectors to the interrupt service routine only if the
interrupt was transition-activated. If level-activated, the external requesting source controls
the request flag rather than the on-chip hardware.
0
0x88
IT01
0
External Interrupt 0 (IE0) Trigger Type.
Set by software to specify edge-sensitive detection, that is, 1-to-0 transition.
Cleared by software to specify level-sensitive detection, that is, zero level.
__________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com