Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D30NF06L Datasheet(PDF) 3 Page - STMicroelectronics

Part # D30NF06L
Description  N-CHANNEL 60V - 0.022Ω - 35A DPAK/IPAK STripFET™ POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D30NF06L Datasheet(HTML) 3 Page - STMicroelectronics

  D30NF06L Datasheet HTML 1Page - STMicroelectronics D30NF06L Datasheet HTML 2Page - STMicroelectronics D30NF06L Datasheet HTML 3Page - STMicroelectronics D30NF06L Datasheet HTML 4Page - STMicroelectronics D30NF06L Datasheet HTML 5Page - STMicroelectronics D30NF06L Datasheet HTML 6Page - STMicroelectronics D30NF06L Datasheet HTML 7Page - STMicroelectronics D30NF06L Datasheet HTML 8Page - STMicroelectronics D30NF06L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STD30NF06L
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 30 V, ID = 18 A
RG = 4.7Ω VGS = 4.5 V
(see test circuit, Figure 3)
30
ns
tr
Rise Time
105
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 48 V, ID = 38 A,
VGS = 5 V
23
7
10
31
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off-Delay Time
Fall Time
VDD = 30 V, ID = 18 A,
RG =4.7Ω, VGS = 4.5 V
(see test circuit, Figure 3)
65
25
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
35
A
ISDM (2)
Source-drain Current (pulsed)
140
A
VSD (1)
Forward On Voltage
ISD = 35 A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 38 A, di/dt = 100 A/µs,
VDD = 15 V, Tj = 150°C
(see test circuit, Figure 5)
70
140
4
ns
nC
A
Normalized Thermal Impedence
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com