Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEK331M100ST Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SEK331M100ST
Description  105 ?C Radial Leaded Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SEK331M100ST Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SEK331M100ST Datasheet HTML 1Page - Cornell Dubilier Electronics SEK331M100ST Datasheet HTML 2Page - Cornell Dubilier Electronics SEK331M100ST Datasheet HTML 3Page - Cornell Dubilier Electronics SEK331M100ST Datasheet HTML 4Page - Cornell Dubilier Electronics SEK331M100ST Datasheet HTML 5Page - Cornell Dubilier Electronics SEK331M100ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SEK 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Long Life, Aluminum Electrolytic
Type SEK is a radial leaded aluminum electrolytic ca-
pacitor with a +105 º C, long life rating. The volumetic
efficient high CV product of the SEK makes it ideal for
high density packaging in general purpose, coupling,
decoupling, bypass and filtering circuit applications.
Highlights
+105 ºC
Long life
High CV product
General purpose applications
Available in T&R and ammo pack
•
•
•
•
•
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Dissipation Factor @ 120 Hz, +25 ºC:
Ripple Multipliers for Voltage and Temperature:
0.47 to 15,000 µF
6.3 to 450 Vdc
±20%
–55 ºC to +105 ºC; 6.3 to 100 Vdc
–40 ºC to +105 ºC; 160 to 400 Vdc
–25 ºC to +105 ºC; 450 Vdc
After 2 minutes, +20 ºC at rated voltage
6.3 to 100 Vdc
I = .01CV or 3 µA Max
≥ 160 Vdc after 3 min, +20 ºC at rated voltage
I = .03CV or 10 µA Max
C = Capacitance in (µF)
V = Rated voltage
WV (V) 6.3 10 16 25 35 50 63 80 100 160-250 350-450
DF(%)
26 22 18 16 14 12 10 10 10
15
20
Rated
Ripple Multipliers
WVDC
60Hz
120Hz
1kHz
10kHz
6 to 25
0.80
1.0
1.1
1.2
35 to 100
0.75
1.0
1.3
1.4
160 to 250
0.70
1.0
1.4
1.6
350 to 400
0.60
1.0
1.5
1.8
Ambient
Ripple
Temperature Multiplier
+105 ºC
1.00
+85 ºC
1.50
+70 ºC
1.80
Apply WVDC for 2000 hours at +105 ºC
Capacitance change within 20% of initial limit
DF not to exceed 200% of initial requirement
Leakage current not to exceed 200% of initial
1000 hrs with no voltage applied
Cap change within ±20% of initial Values
DF 200% of initial requirements
DC leakage current meets initial requirement
For capacitors whose capacitance value exceeds 1000 µF,
the value of (DF)% is increased 2% for every additional
Load Life:
Shelf Life:


Similar Part No. - SEK331M100ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK331M100ST CDE-SEK331M100ST Datasheet
318Kb / 8P
Available in T&R and ammo pack
SEK331M100ST CDE-SEK331M100ST Datasheet
588Kb / 8P
Long Life, Aluminum Electrolytic
More results

Similar Description - SEK331M100ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
350GE162U6R3C ETC2-350GE162U6R3C Datasheet
182Kb / 4P
105 ?C, Low Inductance, Radial, Aluminum Electrolytic
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REF AVX-REF Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
RHD AVX-RHD Datasheet
443Kb / 4P
Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
logo
RFE international
RGA RFE-RGA Datasheet
1Mb / 6P
Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C
06-OCT-2023
RGL RFE-RGL Datasheet
991Kb / 5P
Aluminum Electrolytic Capacitors RGL Series: Radial, Slim Type, 105°C
06-OCT-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com