Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEK331M010ST Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SEK331M010ST
Description  105 ?C Radial Leaded Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SEK331M010ST Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SEK331M010ST Datasheet HTML 1Page - Cornell Dubilier Electronics SEK331M010ST Datasheet HTML 2Page - Cornell Dubilier Electronics SEK331M010ST Datasheet HTML 3Page - Cornell Dubilier Electronics SEK331M010ST Datasheet HTML 4Page - Cornell Dubilier Electronics SEK331M010ST Datasheet HTML 5Page - Cornell Dubilier Electronics SEK331M010ST Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SEK 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Ratings
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
25 Vdc (32 Volts Surge)
470
SEK471M025ST
0.45
470
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
1000
SEK102M025ST
0.21
855
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
2200
SEK222M025ST
0.11
1230
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
3300
SEK332M025ST
0.08
1450
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
4700
SEK472M025ST
0.07
1690
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
6800
SEK682M025ST
0.05
2856
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
35 Vdc (44 Volts Surge)
22
SEK220M035ST
8.44
65
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SEK330M035ST
5.63
85
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SEK470M035ST
3.95
115
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
100
SEK101M035ST
1.86
190
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
220
SEK221M035ST
0.84
315
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
330
SEK331M035ST
0.56
440
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
470
SEK471M035ST
0.40
580
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SEK102M035ST
0.19
995
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
2200
SEK222M035ST
0.10
1450
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
3300
SEK332M035ST
0.07
1660
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
4700
SEK472M035ST
0.06
2674
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
50 Vdc (63 Volts Surge)
0.47
SEKR47M050ST
338.80
7.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SEK010M050ST
159.24
12.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SEK2R2M050ST
72.38
18.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SEK3R3M050ST
48.25
25.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SEK4R7M050ST
33.88
30.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SEK100M050ST
15.92
50.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SEK220M050ST
7.24
75.0
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SEK330M050ST
4.83
105.0
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SEK470M050ST
3.39
125.0
.248 (6.3) .453 (11.5)
.098 (2.5)
.0197 (0.5)
100
SEK101M050ST
1.59
210.0
.315 (8.0) .433 (11.0)
.138 (3.5)
.0236 (0.6)
220
SEK221M050ST
0.72
400.0
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
330
SEK331M050ST
0.48
535.0
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
470
SEK471M050ST
0.34
730.0
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
1000
SEK102M050ST
0.16
1110.0
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
2200
SEK222M050ST
0.08
1530.0
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
3300
SEK332M050ST
0.47
2478.0
.709 (18.0) 1.65 (42.0)
.295 (7.5)
.0315 (0.8)
63 Vdc (79 Volts Surge)
4.7
SEK4R7M063ST
28.23
34
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SEK100M063ST
13.27
55
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SEK220M063ST
6.03
90
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
33
SEK330M063ST
4.02
110
.248 (6.3) .433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SEK470M063ST
2.82
155
.315 (8.0) .433 (11.0)
.098 (2.5)
.0236 (0.6)
100
SEK101M063ST
1.33
260
.394 (10.0) .512 (13.0)
.197 (5.0)
.0236 (0.6)
220
SEK221M063ST
0.60
460
.394 (10.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
330
SEK331M063ST
0.40
650
.512 (13.0) .827 (21.0)
.197 (5.0)
.0236 (0.6)
470
SEK471M063ST
0.28
800
.512 (13.0) .984 (26.0)
.197 (5.0)
.0236 (0.6)
1000
SEK102M063ST
0.13
1200
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com