Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3772 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N3772
Description  HIGH POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3772 Datasheet(HTML) 2 Page - STMicroelectronics

  2N3772 Datasheet HTML 1Page - STMicroelectronics 2N3772 Datasheet HTML 2Page - STMicroelectronics 2N3772 Datasheet HTML 3Page - STMicroelectronics 2N3772 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.17
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEV
Collector Cut-off
Current (VBE = -1.5V)
for 2N3771
VCB = 50 V
for 2N3772
VCB = 100 V
for all
VCB = 30 V Tj = 150
oC
2
5
10
mA
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
for 2N3771
VCB = 30 V
for 2N3772
VCB = 50 V
10
10
mA
mA
ICBO
Collector Cut-off
Current (IE = 0)
for 2N3771
VCB = 50 V
for 2N3772
VCB = 100 V
4
5
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
for 2N3771
VCB = 5 V
for 2N3772
VCB = 7 V
5
5
mA
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 0.2 A
for 2N3771
for 2N3772
40
60
V
V
VCEV(sus)
∗ Collector-Emitter
Sustaining Voltage
(VEB = -1.5V)
IC = 0.2 A
RBE = 100
Ω
for 2N3771
for 2N3772
50
80
V
V
VCER(sus)
∗ Collector-Emitter
Sustaining Voltage
(RBE = 100
Ω)
IC = 0.2 A
for 2N3771
for 2N3772
45
70
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
for 2N3771
IC = 15 A
IB = 1.5 A
IC = 30 A
IB = 6 A
for 2N3772
IC = 10 A
IB = 1 A
IC = 20 A
IB = 4 A
2
4
1.4
4
V
V
V
V
VBE
∗
Base-Emitter Voltage
for 2N3771
IC = 15 A
VCE = 4 V
for 2N3772
IC = 10 A
VCE = 4 A
2.7
2.7
V
V
hFE
∗
DC Current Gain
for 2N3771
IC = 15 A
VCE = 4 V
IC = 30 A
VCE = 4 V
for 2N3772
IC = 10 A
VCE = 4 V
IC = 20 A
VCE = 4 V
15
5
15
5
60
60
hFE
Small Signal Current
Gain
IC = 1 A
VCE = 4 V
f = 1 KHz
40
fT
Transition frequency
IC = 1 A
VCE = 4 V
f = 50 KHz
0.2
MHz
Is/b
Second Breakdown
Collector Current
VCE = 25 V t = 1 s (non repetitive)
6
A
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
2N3771/2N3772
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com