Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP49 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TIP49
Description  NPN High Voltage Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TIP49 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TIP49 Datasheet HTML 1Page - TAITRON Components Incorporated TIP49 Datasheet HTML 2Page - TAITRON Components Incorporated TIP49 Datasheet HTML 3Page - TAITRON Components Incorporated TIP49 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN High Voltage Power Transistors
TIP47/48/49/50
Rev. A/WW
Rev. B/NX 2008-03-25
www.taitroncomponents.com
Page 2 of 4
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Min.
Max.
Unit
Conditions
VCEO (SUS)
Collector- Emitter Sustaining Voltage
TIP47
TIP48
TIP49
TIP50
250
300
350
400
--
V
IC = 30mA; IB =0
ICEO
Collector Cut-Off Current
TIP47
TIP48
TIP49
TIP50
--
1
1
1
1
mA
VCE = 150V, IB = 0
VCE = 200V, IB = 0
VCE = 250V, IB = 0
VCE = 300V, IB = 0
ICES
Collector Cut-Off Current
TIP47
TIP48
TIP49
TIP50
--
1
1
1
1
mA
VCE = 350V, VBE = 0
VCE = 400V, VBE = 0
VCE = 450V, VBE = 0
VCE = 500V, VBE = 0
IEBO
Emitter Cut-Off Current
--
1
mA
VEB = 5V, IC = 0
hFE
* DC Current Gain
30
10
150
VCE = 10V, IC = 0.3A
VCE = 10V, IC = 1A
VCE(sat)
* Collector-Emitter Saturation Voltage
--
1
V
IC = 1A; IB = 0.2A
VBE(on)
* Base-Emitter On Voltage
--
1.5
V
VCE = 10V, IC = 1A
fT
Current Gain Bandwidth Product
10
--
MHz
VCE = 10V, IC = 0.2A,
f=2MHz
tON
Turn ON Time
--
0.5
µs
tSTG
Storage Time
--
3
µs
tF
Fall Time
--
0.3
µs
VCC = 400V,
5 IB1 = -2.5 IB2 = IC = 6A
RL= 66.7Ω
* Pulse Test: Pulse Width ≤300
µs, duty Cycle ≤2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com