Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMS132UAW Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # RMS132UAW
Description  512K x 32Bits x 2Banks Low Power Synchronous DRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMS132UAW Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  RMS132UAW Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMS132UAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Advance Information
The specifications of this device are subject to change without notice. For latest documentation see http://www.emlsi.com.
2
RMS132UAW
Figure1: Bond Pad Layout (TOP View)
•
Deep Trench Process
•
3 Metal Layers including Local Inter-connection
•Top Metal : Al-Cu
•
Typical Pad Size : 70um X 70um
•
Wafer Diameter : 8 inch
(0,0)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
X
Y
Pad
53
Pad
52
70um
75um
217um
(2332.4, 5826.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com