Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSW-1008-R22F-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LSW-1008-R22F-B
Description  Wound Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LSW-1008-R22F-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSW-1008-R22F-B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
LSW - 1008 - 10N M - T
Dimensions
Packaging Style
(Length, Width)
B=Bulk
T=Tape & Reel (2000 pcs / reel)
Inductance Code
Tolerance
F=1%, G=2%, J=5%, K=10%, M=20%
Wound Chip Inductor
(LSW-1008 Series)
Features
Inductance Range
4.7 nH to 4700 nH
Tolerance
1%, 2%, 5%, 10%, 20%
Construction
Ceramic body with wire wound construction
Dimensions in mm
Specifications subject to change without notice.
Rev. 03/01
(Not to scale)
Electrical Specifications
L
Code
L
(nH)
L Test Freq
(MHz
Q
Min
Q Test Freq
(MHz)
SRF Min
(MHz)
RDC Max
(Ohms)
IDC Max
(mA)
4N7
4.7
50
50
500
4100
0.08
1000
12N
12
50
50
500
3300
0.09
1000
15N
15
50
50
500
2500
0.10
1000
18N
18
50
50
350
2500
0.11
1000
22N
22
50
55
350
2400
0.12
1000
27N
27
50
55
350
1600
0.13
1000
33N
33
50
60
350
1600
0.14
1000
39N
39
50
60
350
1500
0.15
1000
47N
47
50
65
350
1500
0.16
1000
56N
56
50
65
350
1300
0.18
1000
68N
68
50
65
350
1300
0.20
1000
82N
82
50
60
350
1000
0.22
1000
R10
100
25
60
350
1000
0.56
650
R12
120
25
60
350
950
0.63
650
R15
150
25
45
100
850
0.70
580
R18
180
25
45
100
750
0.77
620
R22
220
25
45
100
700
0.84
500
R27
270
25
45
100
600
0.91
500
R91
910
25
35
50
320
1.68
380
R33
330
25
45
100
570
1.05
450
R39
390
25
45
100
500
1.12
470
R47
470
25
45
100
450
1.19
470
R56
560
25
45
100
415
1.33
400
R62
620
25
45
100
375
1.40
300
R68
680
25
45
100
375
1.47
400
R75
750
25
45
100
360
1.54
360
R82
820
25
45
100
350
1.61
400
10N
10
50
50
500
4100
0.08
1000
1R0
1000
25
35
50
290
1.75
370
1R2
1200
7.9
35
50
250
2.00
310
1R5
1500
7.9
28
50
200
2.30
330
1R8
1800
7.9
28
50
160
2.60
300
2R2
2200
7.9
28
50
160
2.80
280
2R7
2700
7.9
22
50
140
3.20
290
3R3
3300
7.9
22
50
110
3.40
290
3R9
3900
7.9
20
50
100
3.60
260
4R7
4700
7.9
20
50
90
4.00
260
0.51
Overall 2.79 max
2.92 max
0.51
2.10 max
1.52
2.03 Terminal
Terminal Wraparound
Approx. 0.38 mm Both Ends
1.02
2.54
1.27
Suggested
Pad Layout
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LSW-1008-R22F-B

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LSW-1008-R22F-B CALIBER-LSW-1008-R22F-B Datasheet
28Kb / 1P
Wound Chip Inductor
More results

Similar Description - LSW-1008-R22F-B

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
WOUND CHIP INDUCTOR
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
WOUND CHIP INDUCTOR
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
WOUND CHIP INDUCTOR
SW20222N2DL ABC-SW20222N2DL Datasheet
142Kb / 8P
WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
Wound Chip Inductor
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
Wound Chip Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com