Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92T141 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST92T141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92T141 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST92T141 Datasheet HTML 72Page - STMicroelectronics ST92T141 Datasheet HTML 73Page - STMicroelectronics ST92T141 Datasheet HTML 74Page - STMicroelectronics ST92T141 Datasheet HTML 75Page - STMicroelectronics ST92T141 Datasheet HTML 76Page - STMicroelectronics ST92T141 Datasheet HTML 77Page - STMicroelectronics ST92T141 Datasheet HTML 78Page - STMicroelectronics ST92T141 Datasheet HTML 79Page - STMicroelectronics ST92T141 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 179 page
background image
76/179
ST92141 - RESET AND CLOCK CONTROL UNIT (RCCU)
5.7 STOP MODE
Under control of the Wake-up Interrupt Manage-
ment Unit (WUIMU), the Reset/Stop Manager can
also stop all oscillators without resetting the de-
vice.
In Stop Mode all context information will be pre-
served. During this condition the internal clock will
be frozen in the high state.
Stop Mode is entered by programming the WUIMU
registers (See “WAKE-UP / INTERRUPT LINES
MANAGEMENT UNIT (WUIMU)” on page 55.). An
active transition on an External Wake Up line, exits
the chip from Stop Mode and the MCU resumes
execution
after a
delay
of between
10239
CLOCK2 periods and 10239 CLOCK2 periods
plus the Oscillator Start Up Time.
On exiting from Stop mode an interrupt is generat-
ed and the EX_STP bit in CLK_FLAG will be set,
to indicate to the user program that the machine is
exiting from Stop mode.
Table 18. Internal Registers Reset Values
Register
Number
System Register
Reset Value
Page 0 Register
Reset Value
F
(SSPLR)
undefined
Reserved
E
(SSPHR)
undefined
(SPICR)
00h
D
(USPLR)
undefined
(SPIDR)
undefined
C
(USPHR)
undefined
(WCR)
7Fh
B
(MODER)
E0h
(WDTCR)
12h
A
(Page Ptr)
undefined
(WDTPR)
undefined
9
(Reg Ptr 1)
undefined
(WDTLR)
undefined
8
(Reg Ptr 0)
undefined
(WDTHR)
undefined
7
(FLAGR)
undefined
(NICR)
00h
6
(CICR)
87h
(EIVR)
x2h
5
(PORT5)
FFh
(EIPLR)
FFh
4
(PORT4)
FFh
(EIMR)
00h
3
(PORT3)
FFh
(EIPR)
00h
2
(PORT2)
FFh
(EITR)
00h
1
(PORT1)
FFh
Reserved
0
(PORT0)
FFh
Reserved
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com