Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72T331N4 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST72T331N4
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72T331N4 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST72T331N4 Datasheet HTML 30Page - STMicroelectronics ST72T331N4 Datasheet HTML 31Page - STMicroelectronics ST72T331N4 Datasheet HTML 32Page - STMicroelectronics ST72T331N4 Datasheet HTML 33Page - STMicroelectronics ST72T331N4 Datasheet HTML 34Page - STMicroelectronics ST72T331N4 Datasheet HTML 35Page - STMicroelectronics ST72T331N4 Datasheet HTML 36Page - STMicroelectronics ST72T331N4 Datasheet HTML 37Page - STMicroelectronics ST72T331N4 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
34/107
ST72E331 ST72T331
EEPROM (Cont’d)
5.2.3 Functional description
5.2.3.1 Read operation (E2LAT=0)
The EEPROM can be read as a normal ROM loca-
tion when the E2LAT bit of the CR register is
cleared. In a read cycle, the desired byte is put on
the data bus in less than 1 CPU clock cycle. This
means that reading data from EEPROM takes the
same time as reading data from EPROM, but this
memory cannot be used to execute machine code.
5.2.3.2 Write operation (E2LAT=1)
The EEPROM programming flowchart is shown in
Figure 24.
To access write mode set the E2LAT bit, the
E2PGM bit stays cleared. Then when a write ac-
cess to the EEPROM occurs, the value on the data
bus is latched on the 16 data latches depending
on the address.
When E2PGM is set, all the previous bytes written
(1 up to 16) are programmed in the EEPROM
cells. The effective high address (row) is deter-
mined by the last EEPROM write sequence. To
avoid wrong programming, the user must take
care that all the bytes written between two pro-
gramming sequences have the same high ad-
dress: only the four Least Significant Bits of the ad-
dress can change.
At the end of the cycle, the E2PGM and E2LAT
bits are cleared simultaneously, and an interrupt is
generated if the E2ITE bit is set.
Note: Care should be taken during the program-
ming cycle. Writing to the same memory location
will over-program the memory (logical AND be-
tween the two write access data result) because
the data latches are only cleared at the end of the
programming cycle and by the falling edge of
E2LAT bit.
It is not possible to read the latched data.
5.2.3.3 EEPROM Access Error handling
If a read access occurs while E2LAT=1, then the
data bus will not be driven.
If a write access occurs while E2LAT=0, then the
data on the bus will not be latched.
If a programming cycle is interrupted (by software/
RESET action), the memory data will not be guar-
anteed.
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com