Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72T331N2 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST72T331N2
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72T331N2 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST72T331N2 Datasheet HTML 92Page - STMicroelectronics ST72T331N2 Datasheet HTML 93Page - STMicroelectronics ST72T331N2 Datasheet HTML 94Page - STMicroelectronics ST72T331N2 Datasheet HTML 95Page - STMicroelectronics ST72T331N2 Datasheet HTML 96Page - STMicroelectronics ST72T331N2 Datasheet HTML 97Page - STMicroelectronics ST72T331N2 Datasheet HTML 98Page - STMicroelectronics ST72T331N2 Datasheet HTML 99Page - STMicroelectronics ST72T331N2 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 107 page
background image
96/107
ST72E331 ST72T331
7.6 PERIPHERAL CHARACTERISTICS
Notes:
1. The safe reset cannot be guaranted by the LVD when fosc is greater than 8MHz.
2. Based on characterisation results, not tested.
Note 1: Based on characterisation results, not tested
Low Voltage Detection Reset Electrical Specifications (Option)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VLVDUP
LVD Reset Trigger, VDD rising edge
fOSC = 8 MHz max
1).
3.6 2)
3.85
4.1
V
VLVDDOWN
LVD Reset Trigger, VDD falling edge
3.35
3.6
3.85
V
VLVDHYS
LVD Reset Trigger, hysteresis2)
250
mV
EEPROM Specifications
Parameter
Conditions
Min
Max
Unit
Write Time
TA ≤ 25°C; 3.5V to 5.5V @ fOSC = 16 MHz, 3V to 5.5V @ fOSC = 8 MHz
101)
ms
TA ≤ 85°C; 3.5V to 5.5V @ fOSC = 16 MHz, 3V to 5.5V @ fOSC = 8 MHz
15
TA ≤ 125°C; 3V to 5.5V @ fOSC = 8 MHz
20
Write Erase Cycles
TA= 25°C
300,000
Cycles
Data Retention
TA= 55°C
10
Years
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com