Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7263 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST7263
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7263 Datasheet HTML 13Page - STMicroelectronics ST7263 Datasheet HTML 14Page - STMicroelectronics ST7263 Datasheet HTML 15Page - STMicroelectronics ST7263 Datasheet HTML 16Page - STMicroelectronics ST7263 Datasheet HTML 17Page - STMicroelectronics ST7263 Datasheet HTML 18Page - STMicroelectronics ST7263 Datasheet HTML 19Page - STMicroelectronics ST7263 Datasheet HTML 20Page - STMicroelectronics ST7263 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
ST7263
17/109
3 CLOCKS AND RESET
3.1 CLOCK SYSTEM
3.1.1 General Description
The MCU accepts either a Crystal or Ceramic res-
onator, or an external clock signal to drive the in-
ternal oscillator. The internal clock (fCPU) is de-
rived from the external oscillator frequency (fOSC),
which is divided by 3 (and by 2 or 4 for USB, de-
pending on the external clock used).
By setting the CLKDIV bit in the Miscellaneous
Register, a 12 MHz external clock can be used giv-
ing an internal frequency of 4 MHz while maintain-
ing a 6 MHz for USB (refer to Figure 10).
The internal clock signal (fCPU) is also routed to
the on-chip peripherals. The CPU clock signal
consists of a square wave with a duty cycle of
50%.
The internal oscillator is designed to operate with
an AT-cut parallel resonant quartz or ceramic res-
onator in the frequency range specified for fosc.
The circuit shown in Figure 9 is recommended
when using a crystal, and Table 5 Recommended
Values for 24 MHz Crystal Resonator lists the rec-
ommended capacitance. The crystal and associat-
ed components should be mounted as close as
possible to the input pins in order to minimize out-
put distortion and start-up stabilisation time.
Table 5. Recommended Values for 24 MHz
Crystal Resonator
Note: RSMAX is the equivalent serial resistor of the
crystal (see crystal specification).
3.1.2 External Clock
An external clock may be applied to the OSCIN in-
put with the OSCOUT pin not connected, as
shown on Figure 8. The tOXOV specifications does
not apply when using an external clock input. The
equivalent specification of the external clock
source should be used instead of tOXOV (see Sec-
tion 6.5 CONTROL TIMING).
Figure 8. External Clock Source Connections
Figure 9. Crystal/Ceramic Resonator
Figure 10. Clock block diagram
RSMAX
20
Ω
25
Ω
70
Ω
COSCIN
56pF
47pF
22pF
COSCOUT
56pF
47pF
22pF
RP
1-10 M
Ω
1-10 M
Ω
1-10 M
Ω
OSCIN
OSCOUT
EXTERNAL
CLOCK
NC
OSCIN
OSCOUT
COSCIN
COSCOUT
RP
%3
CPU and
8 or 4 MHz
6 MHz (USB)
24 or
peripherals)
%2
1
0
CLKDIV
%2
12 MHz
Crystal
%2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com