Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST63140 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 39Page - STMicroelectronics ST63140 Datasheet HTML 40Page - STMicroelectronics ST63140 Datasheet HTML 41Page - STMicroelectronics ST63140 Datasheet HTML 42Page - STMicroelectronics ST63140 Datasheet HTML 43Page - STMicroelectronics ST63140 Datasheet HTML 44Page - STMicroelectronics ST63140 Datasheet HTML 45Page - STMicroelectronics ST63140 Datasheet HTML 46Page - STMicroelectronics ST63140 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
Figure 45.STD Bus (Hardware Bus Disabled) Timing Diagram
STD SPI Protocol (Shift Register)
This protocol is similar to the I
2CBUS with the ex-
ception that there is no acknowledge pulse and
there are no stop or start bits. The clock cannot be
slowed down by the external peripherals.
The I/O ports associated with the SPI should be
programmed as outputs with data high in order not
to inhibit the functionality of the hardware SPI.
SPI APPLICATION NOTES
Stop Clock Slowdown: In the ST631xx family of
devices when operating in the I
2C orSBUS modes,
there is no internal clock slowdown for the final
STOP clock. Slowdown means that if an external
peripheral requires extra time it will hold the
ST631xx SCL clock low. To be fully I
2C and SBUS
compatible in this respect, the SW should check
SERIAL PERIPHERAL INTERFACE (Continued)
that the SCL line is indeed high beforeproceeding
with the START of another I
2C or SBUS transmis-
sion. In all other cases the SCL clock slowdown
feature is operational.
SPI Standard Bus Protocol: The standard bus
protocol is selected by loading the SPI Control
Register 1 (SCR1 Add. EBh). Bit 0 named I
2C must
be set at one and bit 1 named STD mut be reset.
When the standard bus protocol is selected bit 2 of
the SCR1 is meaningless.
This bit named STOP bit is used only in I
2CBUS or
SBUS. However take care thet THE STOP BIT
MUST BE RESET WHEN THE STANDARD PRO-
TOCOL IS USED. This bit is set to ZERO after RE-
SET.
®
ST63140,142,126,156
39/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com